Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM50N06 Datasheet(PDF) 4 Page - First Components International

No. de pieza FM50N06
Descripción Electrónicos  50A 60V N Channel Mosfet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FCI [First Components International]
Página de inicio  http://www.cotra.com.tw/
Logo FCI - First Components International

FM50N06 Datasheet(HTML) 4 Page - First Components International

  FM50N06 Datasheet HTML 1Page - First Components International FM50N06 Datasheet HTML 2Page - First Components International FM50N06 Datasheet HTML 3Page - First Components International FM50N06 Datasheet HTML 4Page - First Components International FM50N06 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
50A 60V N Channel Mosfet


Número de pieza similar - FM50N06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
41Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
693Kb / 8P
   Analog Temperature Sensor
logo
RFE international
FM50 RFE-FM50 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
FM50 RFE-FM50 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
More results

Descripción similar - FM50N06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Silicon Co., Ltd
FTK50N06DD FS-FTK50N06DD Datasheet
261Kb / 2P
   N-Channel Power MOSFET (60V/50A)
logo
Unisonic Technologies
UTT50N06 UTC-UTT50N06 Datasheet
358Kb / 8P
   50A, 60V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDD14AN06LA0 FAIRCHILD-FDD14AN06LA0 Datasheet
227Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 14.6mohm
FDD10AN06A0 FAIRCHILD-FDD10AN06A0 Datasheet
236Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 10.5m?
FDD10AN06A0_F085 FAIRCHILD-FDD10AN06A0_F085 Datasheet
390Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 10.5m
logo
Unisonic Technologies
UTT50N06H UTC-UTT50N06H Datasheet
654Kb / 8P
   50A, 60V N-CHANNEL FAST SWITCHING MOSFET
logo
Tak Cheong Electronics ...
TFP50N06 TAK_CHEONG-TFP50N06 Datasheet
327Kb / 8P
   N-Channel Power MOSFET 50A, 60V, 0.023廓
logo
Thinki Semiconductor Co...
HX50N06 THINKISEMI-HX50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
IRFZ44N THINKISEMI-IRFZ44N Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
logo
Jiangsu Donghai Semicon...
F50N06 WXDH-F50N06 Datasheet
808Kb / 10P
   50A 60V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com