Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF4N60 Datasheet(PDF) 3 Page - First Components International

No. de pieza IRF4N60
Descripción Electrónicos  4.0A 600V N CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FCI [First Components International]
Página de inicio  http://www.cotra.com.tw/
Logo FCI - First Components International

IRF4N60 Datasheet(HTML) 3 Page - First Components International

  IRF4N60 Datasheet HTML 1Page - First Components International IRF4N60 Datasheet HTML 2Page - First Components International IRF4N60 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS
IRF4N60
4.0A 600V N CHANNEL POWER MOSFET


Número de pieza similar - IRF4N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Suntac Electronic Corp.
IRF4N60 SUNTAC-IRF4N60 Datasheet
162Kb / 4P
   POWER MOSFET
IRF4N60FP SUNTAC-IRF4N60FP Datasheet
162Kb / 4P
   POWER MOSFET
logo
First Components Intern...
IRF4N60FP FCI-IRF4N60FP Datasheet
457Kb / 3P
   4.0A 600V N CHANNEL POWER MOSFET
More results

Descripción similar - IRF4N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60 Datasheet
1Mb / 4P
   4.0A 600V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF4N60FP FCI-IRF4N60FP Datasheet
457Kb / 3P
   4.0A 600V N CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60_V01 Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
logo
HY ELECTRONIC CORP.
HY4N60D HY-HY4N60D Datasheet
166Kb / 4P
   600V / 4.0A N-Channel Enhancement Mode MOSFET
HY4N60T HY-HY4N60T Datasheet
107Kb / 4P
   600V / 4.0A N-Channel Enhancement Mode MOSFET
logo
Nanjing International G...
NJ4N65 DGNJDZ-NJ4N65 Datasheet
863Kb / 7P
   4.0A 650V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N90C UTC-4N90C Datasheet
197Kb / 5P
   4.0A, 900V N-CHANNEL POWER MOSFET
4N80 UTC-4N80_12 Datasheet
201Kb / 6P
   4.0A, 800V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N80 DGNJDZ-NJ4N80 Datasheet
604Kb / 6P
   4.0A 800V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3003 WILLSEMI-WNM3003 Datasheet
445Kb / 7P
   N-Channel, 30V, 4.0A, Power MOSFET
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com