Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBR06C229B5GAC Datasheet(PDF) 1 Page - Kemet Corporation

No. de pieza CBR06C229B5GAC
Descripción Electrónicos  Ceramic, High Q, CBR-SMD RF C0G, 2.2 pF, /-0.1 pF, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR06C229B5GAC Datasheet(HTML) 1 Page - Kemet Corporation

  CBR06C229B5GAC Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 7/19/2017 - 9529ae01-3ca4-4664-a9cf-b4574c1715c2
KEMET Part Number: CBR06C229B5GAC
Ceramic, High Q, CBR-SMD RF C0G, 2.2 pF, +/-0.1 pF, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Dimensions
L
1.6mm +/-0.1mm
W
0.8mm +/-0.1mm
T
0.8mm +/-0.07mm
B
0.4mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: CBR-SMD RF C0G
Chip Size: 0603
Description: SMD, Fixed, RF, Ultra High Q,
Low ESR, Class I
Features: Ultra High Q, Low ESR, Class I
RoHS: Yes
Termination: Tin
Marking: No
Miscellaneous: Minimum Q = 844
Notes: Solder Wave or Solder Reflow
Specifications
Capacitance: 2.2 pF
Capacitance Tolerance: +/-0.1 pF
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.225%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 10 GOhms
Quality Factor: 844
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Número de pieza similar - CBR06C229B5GAC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
CBR06C229BAGAC KEMET-CBR06C229BAGAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 2.2 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results

Descripción similar - CBR06C229B5GAC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
CBR06C229BAGAC KEMET-CBR06C229BAGAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 2.2 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR02C229B5GAC KEMET-CBR02C229B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 2.2 pF, /-0.1 pF, 50 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C429B5GAC KEMET-CBR06C429B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 4.2 pF, /-0.1 pF, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C779B5GAC KEMET-CBR06C779B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 7.7 pF, /-0.1 pF, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C189B5GAC KEMET-CBR06C189B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 1.8 pF, /-0.1 pF, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C449B5GAC KEMET-CBR06C449B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 4.4 pF, /-0.1 pF, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C239B5GAC KEMET-CBR06C239B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 2.3 pF, /-0.1 pF, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C989B5GAC KEMET-CBR06C989B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 9.8 pF, /-0.1 pF, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C699B5GAC KEMET-CBR06C699B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 6.9 pF, /-0.1 pF, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C349B5GAC KEMET-CBR06C349B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 3.4 pF, /-0.1 pF, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com