Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCM34018 Datasheet(PDF) 3 Page - First Components International

No. de pieza FCM34018
Descripción Electrónicos  Linear Integrated Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FCI [First Components International]
Página de inicio  http://www.cotra.com.tw/
Logo FCI - First Components International

FCM34018 Datasheet(HTML) 3 Page - First Components International

  FCM34018 Datasheet HTML 1Page - First Components International FCM34018 Datasheet HTML 2Page - First Components International FCM34018 Datasheet HTML 3Page - First Components International FCM34018 Datasheet HTML 4Page - First Components International FCM34018 Datasheet HTML 5Page - First Components International FCM34018 Datasheet HTML 6Page - First Components International FCM34018 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
А4
(continued)
PIN
NAME
DESCRIPTION
23
XDC
Transmit detector output. A resistor and capacitor at his pin hold the system in the transmit mode during
pauses between words or phrases. When the XDC pin voltage decays to ground, the attenuators switch
from the transmit mode to idle mode. The internal resistor at XDC is nominally 2.6k ohms(see fig.1).
24
VLC
Volume control input>connecting this pin to the slider of a variable resistor provides receive mode
volume control. The VLC pin voltage should be less than or equal to VB
25
ACF
Attenuator control filter. A capacitor connected to this pin reduces noise transient as the attenuator
control switches level of attenuation
26
RXO
Output of the receive attenuator. Normally this pin is ac coupled to the input of the speaker amplifier
27
RXI
Input of the receive attenuator. Input impedance is nominally is 5.0k ohms
28
RRX
A resistor to ground determines the nominal gain of the receive attenuator. The receive channel gain is
directly proportional to the RRX resistance
ELECTRICAL CHARACTERISTICS(referred to fig. 1)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGES
V+ Supply Current
V+=11V, Pin 18=0.7V
V+=11V, Pin 18=1.6V
IV+
9.0
800
mA
A
VCC Voltage (V+=7.5V)
Line
Regulation (6.5V<V+<11V)
Output Resistance (ICC=3mA)
Vcc
VccLN
RoVcc
Vccsat
4.9
5.4
65
6.0
80
5.9
150
20
300
Vdc
MV
ohms
mV
VB Voltage(V+=7.5V)
Output Resistance (I B=1.7mA)
Vb
Rovb
2.5
2.9
250
3.3
Vdc
ohms
ATTENUATORS
Receive Attenuator Gain (1.0kHz)
Rx Mode, Pin 24= VB, Pin 27 =
250Mvrms
Range (Rx to Tx Modes)
Idle Mode, Pin 27= 250mVrms
GRX
GRX
GRI
2.0
40
-20
6.0
44
-16
10
48
-12
dB
dB
dB
RXO Voltage (Rx Mode)
VRXO
1.8
2.3
3.2
mV
Delta RXO Voltage (Switch from Rx
to Tx Mode)
VRXO
100
mV
RXO Sink Current (Rx mode)
IRXOL
75
A
TXO Source Current (Tx mode)
ITXOH
1.0
3.0
mA
TXO Input Resistance
RTXI
3.5
5.0
8.0
k
ACF Voltage (VCC-Pin 25 Voltage)
Rx Mode
Tx Mode
Idle Mode
VACF
150
6.0
75
mV
mV
mV
SPEAKER AMPLIFIER
Speaker Amp Gain (pin 19 = 20mVrms)
GSPK
33
34
35
dB
SKI Input Resistance
RSKI
15
22
37
k
SKO Voltage ( Pin 19 =Cap couple
to GND)
VSKO
2.4
3.0
3.6
Vdc
SKO High Voltage ( Pin 19 = 0.1V,
-100mA Load at Pin 15)
VSKOH
5.5
Vdc
SKO Low Voltage (pin 19=0.1V,
+100mA Load at Pin 15)
VSKOL
600
mV
MICROPHONE AMPLIFIER
Microphone Amp Gain
( Pin 9 = 10mVrms,1KHz)
GMCI
32.5
34
35
dB
Microphone Amp Input Resistance
RMCI
6.5
10
16
k
LOGAMPS
RLO Leakage Current (Pin 8 = VB+1.0V)
ILKRLO
2.0
A
TLO Leakage Current (Pin 6 = VB+1.0V)
ILKTLO
2.0
A
Transmit-Receive Switching
Threshold (Ratio of ITLI to IRLI - at
20 A - to Switch Tx-Rx Comparator)
ITH
25
TRANSMIT DETECTOR
XDC Voltage
Idle Mode
Tx Mode
VXDC
0
4.0
Vdc Vdc
CP2 Current Source
ICP2
5.0
10
13
A
Distortion
Rx Mode
RXI to SKO
(pin 27 = 10mVrms,1KHz)
RXD
1.5
%
Tx Mode
MCI to TXO
(Pin 9 = 5mVrms,1KHz)
TXD
2.0
%
Note 1:V+=7.5V, CS =0.7V except where noted.
Note 2:Rx mode:pin7=-100 A, pin5=+100 A, except where noted
Tx mode: pin 5,13=-100 A, pin 7=+100 A, pin 11=0V. Idle mode: Pin 5=-100A, pin 7,13=+100 A
Note 3:Current into a pin designed as + ,current out of a pin designed -;
Note 4:Voltage referred to pin 22,Tamb=25 C


Número de pieza similar - FCM34018

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chenmko Enterprise Co. ...
FCM34PT CHENMKO-FCM34PT Datasheet
85Kb / 2P
   SUPER FAST SILICON RECTIFIER
More results

Descripción similar - FCM34018

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com