Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMSRO1-7805-NZ Datasheet(PDF) 3 Page - AIMTEC

No. de pieza AMSRO1-7805-NZ
Descripción Electrónicos  Up to 15Watt | DC-DC Switching Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSRO1-7805-NZ Datasheet(HTML) 3 Page - AIMTEC

  AMSRO1-7805-NZ Datasheet HTML 1Page - AIMTEC AMSRO1-7805-NZ Datasheet HTML 2Page - AIMTEC AMSRO1-7805-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AMSRO1-78-NZ
Up to 15Watt | DC-DC Switching Regulator
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R6.J
3 of 3
North America only
Standard Application circuit
– positive output
Standard Application circuit
– negative output
Recommended EMC circuit
AMSRO- 78XX - NZ
1
3
2
Vout
Vin
GND
GND
C2
10µF
50V
C0
680µF
50V
LDM
82µH
C1
4.7µF
50V
+
MOV
S20K30
Fuse
Customer
Selectable
LDM
12µH
C3
22µF
25V
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
NOTE: This part is not designed for parallel operation
AMSRO1-78-NZ
C1
+Vin
GND
C2
+Vout
GND
10uF
22uF
1
2
3
+
+
AMSRO1-78-NZ
C1
+Vin
GND
C2
-Vout
GND
10uF
22uF
1
3
2
+
+


Número de pieza similar - AMSRO1-7805-NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMSRO1-7805-NZ AIMTEC-AMSRO1-7805-NZ Datasheet
471Kb / 3P
   Up to 15Watt | DC-DC Switching Regulator
More results

Descripción similar - AMSRO1-7805-NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMSRO1-78-NZ AIMTEC-AMSRO1-78-NZ Datasheet
471Kb / 3P
   Up to 15Watt | DC-DC Switching Regulator
AMSRI1-783.3-NZ AIMTEC-AMSRI1-783.3-NZ Datasheet
492Kb / 5P
   Up to 15Watt | DC-DC Switching Regulator
AMSRI1-78-NZ AIMTEC-AMSRI1-78-NZ Datasheet
504Kb / 5P
   Up to 15Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_13 Datasheet
308Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_12 Datasheet
107Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSR-78Z AIMTEC-AMSR-78Z_16 Datasheet
164Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_13 Datasheet
313Kb / 4P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_12 Datasheet
234Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_16 Datasheet
358Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78-NZ AIMTEC-AMSRW-78-NZ_16 Datasheet
141Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com