Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EZJZZV270EAM Datasheet(PDF) 3 Page - Panasonic Semiconductor

No. de pieza EZJZZV270EAM
Descripción Electrónicos  Multilayer Varistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZZV270EAM Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EZJZZV270EAM Datasheet HTML 1Page - Panasonic Semiconductor EZJZZV270EAM Datasheet HTML 2Page - Panasonic Semiconductor EZJZZV270EAM Datasheet HTML 3Page - Panasonic Semiconductor EZJZZV270EAM Datasheet HTML 4Page - Panasonic Semiconductor EZJZZV270EAM Datasheet HTML 5Page - Panasonic Semiconductor EZJZZV270EAM Datasheet HTML 6Page - Panasonic Semiconductor EZJZZV270EAM Datasheet HTML 7Page - Panasonic Semiconductor EZJZZV270EAM Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
1
0.1
1
10
100
10
100
Frequency (MHz)
1000
10000
3 pF max. [2.1 pF typ.]
1 pF max. [0.8 pF typ.]
1.5 pF typ.
(Typical curve)
3 pF max. [2.1 pF typ.]
1 pF max. [0.8 pF typ.]
1.5 pF typ.
1
Frequency (MHz)
10
10
100
1000
10000
1
100
1000
10000
100000
1000000
10000000
(Typical curve)
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
1
10
100
1000
10000
Frequency (MHz)
(Typical curve)
3 pFmax.[2.1pFtyp.]
1.5 pFtyp.
1 pFmax.[0.8pFtyp.]
Capacitance vs. Frequency
Impedance vs. Frequency
Attenuation vs. Frequency
Nov. 2016
04


Número de pieza similar - EZJZZV270EAM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
EZJZZV270EAM PANASONIC-EZJZZV270EAM Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
More results

Descripción similar - EZJZZV270EAM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
UN Semiconducctor INC
ESD0402-0603 UNSEMI-ESD0402-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com