Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM4001-S Datasheet(PDF) 6 Page - Formosa MS

No. de pieza FM4001-S
Descripción Electrónicos  Chip General Purpose Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM4001-S Datasheet(HTML) 6 Page - Formosa MS

  FM4001-S Datasheet HTML 1Page - Formosa MS FM4001-S Datasheet HTML 2Page - Formosa MS FM4001-S Datasheet HTML 3Page - Formosa MS FM4001-S Datasheet HTML 4Page - Formosa MS FM4001-S Datasheet HTML 5Page - Formosa MS FM4001-S Datasheet HTML 6Page - Formosa MS FM4001-S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FM4001-S THRU FM4007-S
Document ID
Issued Date
Revised Date
Revision
Page.
Profile Feature
Soldering Condition
Average ramp-up rate(T to T )
<3
/sec
Preheat
-Temperature Min(Tsmin)
150
-Temperature Max(Tsmax)
200
-Time(min to max)(t )
60~120sec
Tsmax to T
-Ramp-upRate
<3
/sec
Time maintained above:
-Temperature(T )
217
-Time(t )
60~260sec
Peak Temperature(T )
255
0/ 5
Time within 5
of actual Peak
Temperature(t )
Ramp-down Rate
<6
/sec
Time 25
to Peak Temperature
<6minutes
LP
s
L
L
L
P
P
o
o
o
o
o
oo
o
o
o
C
C
C
C
C
C-
+
C
C
C
C
3.Reflow soldering
10~30sec
1.Storage environment: Temperature=5
~40
Humidity=55%±25%
2.Reflow soldering of surface-mount devices
oo
CC
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
t25 C to Peak
o
Time
25
TL
TP
Ramp-down
Reel packing
SMA-S
2,000
4.0
20,000
183*155*183
178
382*356*392
160,000
15.0
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
7"
13"
7,500
4.0
15,000
335*335*38
330
350*330*360
120,000
14.5
Chip General Purpose Rectifiers
DS-121121
2008/02/10
2015/10/12
F
7


Número de pieza similar - FM4001-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
FM4001-FM4007 FORMOSA-FM4001-FM4007 Datasheet
77Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM4001-L FORMOSA-FM4001-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM4001-L FORMOSA-FM4001-L Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
FM4001-L FORMOSA-FM4001-L_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
FM4001-M FORMOSA-FM4001-M Datasheet
67Kb / 2P
   Glass passivated type
More results

Descripción similar - FM4001-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
FM301-BS FORMOSA-FM301-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-MH1 FORMOSA-FM4001-MH1 Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-L FORMOSA-FM4001-L_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
HFM201 FORMOSA-HFM201_17 Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM201 FORMOSA-FM201_17 Datasheet
56Kb / 7P
   Chip General Purpose Rectifiers
FM4001 FORMOSA-FM4001_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com