Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMBT2222A Datasheet(PDF) 6 Page - Formosa MS

No. de pieza FMBT2222A
Descripción Electrónicos  SMD NPN Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT2222A Datasheet(HTML) 6 Page - Formosa MS

  FMBT2222A Datasheet HTML 1Page - Formosa MS FMBT2222A Datasheet HTML 2Page - Formosa MS FMBT2222A Datasheet HTML 3Page - Formosa MS FMBT2222A Datasheet HTML 4Page - Formosa MS FMBT2222A Datasheet HTML 5Page - Formosa MS FMBT2222A Datasheet HTML 6Page - Formosa MS FMBT2222A Datasheet HTML 7Page - Formosa MS FMBT2222A Datasheet HTML 8Page - Formosa MS FMBT2222A Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Page 6
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Document ID
Issued Date
Revised Date
Revision
Page.
Rating and characteristic curves (FMBT2222 / FMBT2222A)
DS-231107
2008/02/10
2011/07/21
D
9
IB1=IB2=
1c
10
Vcc=25V
tON
tOFF
10
100
1000
400
320
240
160
80
0
Turn On and Turn Off Times
vs Collector Current
Ic-(
)
COLLECTOR CURRENT mA
IB1=IB2=
1c
10
ts
tr
tf
td
Vcc 25V
=
10
100
1000
400
320
240
160
80
0
Switching Times
vs Collector Current
Ic-(
)
COLLECTOR CURRENT mA
SOT 23
-
0
25
50
75
100
125
150
1
075
.
05
.
025
.
0
Power Dissipation vs
Ambient Temperature
TEMPERATURE
C
()
SMD NPN Transistor


Número de pieza similar - FMBT2222A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
FMBT2222A FORMOSA-FMBT2222A Datasheet
601Kb / 9P
   600mA Silicon NPN Epitaxial Planar Transistor
logo
First Components Intern...
FMBT2222A FCI-FMBT2222A Datasheet
715Kb / 3P
   FMBT2222A NPN Bipolar Transistor Epitaxial planar die construction
logo
Formosa MS
FMBT2222ADW1 FORMOSA-FMBT2222ADW1 Datasheet
130Kb / 10P
   Dual NPN Epitaxial Planar Transistor
FMBT2222AW FORMOSA-FMBT2222AW Datasheet
91Kb / 10P
   SMD NPN Transistor
More results

Descripción similar - FMBT2222A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
FMBT3904W FORMOSA-FMBT3904W Datasheet
884Kb / 11P
   SMD NPN Transistor
FMBT3904 FORMOSA-FMBT3904_17 Datasheet
461Kb / 11P
   SMD NPN Transistor
FMBT2222AW FORMOSA-FMBT2222AW Datasheet
91Kb / 10P
   SMD NPN Transistor
BC846A FORMOSA-BC846A Datasheet
121Kb / 9P
   SMD NPN Transistor
logo
TAITRON Components Inco...
MMBT2222A TAITRON-MMBT2222A Datasheet
224Kb / 3P
   SMD General Purpose Transistor (NPN)
logo
Formosa MS
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
   Dual NPN PNP SMD Transistor
logo
TAITRON Components Inco...
MMBTA05 TAITRON-MMBTA05 Datasheet
203Kb / 3P
   SMD General Purpose Transistor (NPN)
BC846A TAITRON-BC846A Datasheet
164Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT3904 TAITRON-MMBT3904 Datasheet
205Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT4401 TAITRON-MMBT4401 Datasheet
225Kb / 3P
   SMD General Purpose Transistor (NPN)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com