Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM4005-S Datasheet(PDF) 4 Page - Formosa MS

No. de pieza FM4005-S
Descripción Electrónicos  Chip General Purpose Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM4005-S Datasheet(HTML) 4 Page - Formosa MS

  FM4005-S Datasheet HTML 1Page - Formosa MS FM4005-S Datasheet HTML 2Page - Formosa MS FM4005-S Datasheet HTML 3Page - Formosa MS FM4005-S Datasheet HTML 4Page - Formosa MS FM4005-S Datasheet HTML 5Page - Formosa MS FM4005-S Datasheet HTML 6Page - Formosa MS FM4005-S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pinning information
1
2
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
Suggested solder pad layout
Page 4
Formosa MS
FM4001-S
A1
FM4002-S
A2
FM4003-S
A3
FM4004-S
A4
FM4005-S
A5
FM4006-S
A6
FM4007-S
A7
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FM4001-S THRU FM4007-S
Dimensions in inches and (millimeters)
A
C
B
B
0.059 (1.50)
A
0.063 (1.60)
C
0.110 (2.80)
PACKAGE
SMA-S
Document ID
Issued Date
Revised Date
Revision
Page.
2
1
Chip General Purpose Rectifiers
DS-121121
2008/02/10
2015/10/12
F
7


Número de pieza similar - FM4005-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
FM4005-L FORMOSA-FM4005-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM4005-L FORMOSA-FM4005-L Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
FM4005-M FORMOSA-FM4005-M Datasheet
67Kb / 2P
   Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4005-M PACELEADER-FM4005-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
FM4005-M LUGUANG-FM4005-M Datasheet
171Kb / 2P
   1.0A Surface Mount General Purpose Rectifiers
More results

Descripción similar - FM4005-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
FM301-BS FORMOSA-FM301-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-MH1 FORMOSA-FM4001-MH1 Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-L FORMOSA-FM4001-L_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
HFM201 FORMOSA-HFM201_17 Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM201 FORMOSA-FM201_17 Datasheet
56Kb / 7P
   Chip General Purpose Rectifiers
FM4001 FORMOSA-FM4001_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com