Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM10-350RB Datasheet(PDF) 1 Page - Riedon Powertron

No. de pieza SM10-350RB
Descripción Electrónicos  Precision Wirewound Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RIEDON [Riedon Powertron]
Página de inicio  http://www.riedon.com
Logo RIEDON - Riedon Powertron

SM10-350RB Datasheet(HTML) 1 Page - Riedon Powertron

  SM10-350RB Datasheet HTML 1Page - Riedon Powertron SM10-350RB Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
04/14
Type
Commercial
Wattage
( Watts )
Maximum Ohms
Minimum
Tolerance
( % )
Dimensions
Maximum
Working
Voltage
Diameter
±0.005”
[±0.13mm]
Length
±0.025”
[±0.64mm]
Lead Diameter1
±0.002”
[±0.05mm]
SM-2
0.06
75k
0.005
0.100 [2.5]
0.210 [5.3]
0.020 [0.5]
75
SM-3
0.08
150k
0.125 [3.2]
0.260 [6.6]
0.020 [0.5]
0.025 [0.6]
100
SM-4
0.10
250k
0.125 [3.2]
0.375 [9.5]
0.020 [0.5]
100
SM-13
0.10
250k
0.156 [4.0]
0.312 [7.9]
0.020 [0.5]
100
SM-5
0.12
400k
0.187 [4.7]
0.250 [6.4]
0.025 [0.6]
150
SM-6
0.15
500k
0.187 [4.7]
0.295 [7.5]
0.025 [0.6]
150
139A
0.15
500k
0.250 [6.4]
0.250 [6.4]
0.025 [0.6]
100
SM-15
0.175
750k
0.187 [4.7]
0.375 [9.5]
0.025 [0.6]
200
SM-12
0.20
750k
0.187 [4.7]
0.450 [11.4]
0.025 [0.6]
200
100
0.20
1M
0.250 [6.4]
0.375 [9.5]
0.032 [0.8]
0.025 [0.6]
200
SM-7
0.25
1M
0.210 [5.3]
0.465 [11.8]
0.025 [0.6]
250
101
0.25
1.2M
0.250 [6.4]
0.500 [12.7]
0.032 [0.8]
0.025 [0.6]
300
102
0.33
2.5M
0.250 [6.4]
0.750 [19.1]
0.032 [0.8]
0.025 [0.6]
400
120
0.40
3.8M
0.375 [9.5]
0.500 [12.7]
0.032 [0.8]
300
121
0.50
3.8M
0.375 [9.5]
0.750 [19.1]
0.032 [0.8]
400
129
0.75
6M
0.375 [9.5]
1.000 [25.4]
0.032 [0.8]
600
106
1.00
6M
0.500 [12.7]
1.000 [25.4]
0.032 [0.8]
800
107
1.50
6M
0.500 [12.7]
1.500 [38.1]
0.032 [0.8]
900
108
2.00
6M
0.500 [12.7]
2.000 [50.8]
0.032 [0.8]
1000
1
Where more than one lead is listed / the top value is Standard
Lead Length = 1.50 [38] Min.
100 Series / SM Series / PC Series
• Resistances to 6 Megohms
• Resistance Tolerances to ±0.005%
• Temperature Coefficients of ±2 ppm/°C
• High TCR Available (Balco & Platinum Wire)
• 100% Acceptance Tested / Traceable to NIST
• Long Term Stability / 100ppm/year
• Matched Resistance Sets to ±0.001% and ±0.5 ppm/°C
SPECIFICATIONS
Part Description: Part Type - Resistance - Tolerance - TCR ( If not standard )
Example: SM-6 25K Ohms 0.1%
Precision Wirewound Resistors
Ordering Information


Número de pieza similar - SM10-350RB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Riedon Powertron
SM10-350RX RIEDON-SM10-350RX Datasheet
318Kb / 2P
   Precision Wirewound Resistors
More results

Descripción similar - SM10-350RB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Riedon Powertron
SM-2 RIEDON-SM-2_14 Datasheet
318Kb / 2P
   Precision Wirewound Resistors
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
   Precision Wirewound Resistors
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
   Precision Wirewound Resistors
SM10-350RX RIEDON-SM10-350RX Datasheet
318Kb / 2P
   Precision Wirewound Resistors
SM15-250RB RIEDON-SM15-250RB Datasheet
318Kb / 2P
   Precision Wirewound Resistors
SM10-500RX RIEDON-SM10-500RX Datasheet
318Kb / 2P
   Precision Wirewound Resistors
logo
Vishay Siliconix
PAC500001008FAC000 VISHAY-PAC500001008FAC000 Datasheet
141Kb / 8P
   Cemented Wirewound Precision Resistors
Revision: 06-Oct-11
logo
RCD COMPONENTS INC.
MA207P-R100-F RCD-MA207P-R100-F Datasheet
42Kb / 1P
   ULTRA PRECISION WIREWOUND RESISTORS
logo
Token Electronics Indus...
BWW1W100RBCP TOKEN-BWW1W100RBCP Datasheet
1Mb / 60P
   BWW Precision Wirewound Resistors
logo
Vishay Siliconix
PAC VISHAY-PAC Datasheet
123Kb / 8P
   Cemented Wirewound Precision Resistors
Revision: 06-Nov-14
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com