Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N7002K1 Datasheet(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No. de pieza 2N7002K1
Descripción Electrónicos  N-CHANNEL MOSFET in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Página de inicio  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2N7002K1 Datasheet(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2N7002K1 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2N7002K1 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2N7002K1 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2N7002K1 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2N7002K1 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2N7002K1 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2N7002K1
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
6 / 6
回流焊温度曲线图(无铅) / Temperature Profile for IR Reflow Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 245±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:245
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:260±5℃
时间:10±1 sec.
Temp.:260±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
卷盘包装 / REEL
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Reel
/卷盘
Reels/Inner Box
卷盘
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Reel
Inner Box 盒
Outer Box 箱
SOT-23
3,000
10
30,000
6
180,000
7〞×8
180×120×180
390×385×205
使用说明 / Notices


Número de pieza similar - 2N7002K1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
2N7002K VISHAY-2N7002K Datasheet
233Kb / 3P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 21-Feb-05
logo
SEC Electronics Inc.
2N7002K SECELECTRONICS-2N7002K Datasheet
533Kb / 4P
   N-Ch Small Signal MOSFET with ESD Protection
logo
Wuxi NCE Power Semicond...
2N7002K NCEPOWER-2N7002K Datasheet
295Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002K YFWDIODE-2N7002K Datasheet
512Kb / 4P
   N-Channel Enhancement MOSFET
logo
Nanjing International G...
2N7002K DGNJDZ-2N7002K Datasheet
1Mb / 2P
   Voltage controlled small signal switch
More results

Descripción similar - 2N7002K1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
SI2202 FOSHAN-SI2202 Datasheet
943Kb / 6P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
SI2302 FOSHAN-SI2302 Datasheet
468Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2306 FOSHAN-SI2306 Datasheet
473Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
2SK3018 FOSHAN-2SK3018 Datasheet
1Mb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3420 FOSHAN-AO3420 Datasheet
701Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
BRM4N10 FOSHAN-BRM4N10 Datasheet
1Mb / 7P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
AO3400 FOSHAN-AO3400 Datasheet
776Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
BRM05N50 FOSHAN-BRM05N50 Datasheet
1Mb / 7P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
2N7002 FOSHAN-2N7002 Datasheet
901Kb / 6P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
AO3402 FOSHAN-AO3402 Datasheet
895Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com