Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SDD60N08B Datasheet(PDF) 4 Page - Sirectifier Semiconductors

No. de pieza SDD60N08B
Descripción Electrónicos  Diode-Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIRECTIFIER [Sirectifier Semiconductors]
Página de inicio  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SDD60N08B Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  SDD60N08B Datasheet HTML 1Page - Sirectifier Semiconductors SDD60N08B Datasheet HTML 2Page - Sirectifier Semiconductors SDD60N08B Datasheet HTML 3Page - Sirectifier Semiconductors SDD60N08B Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SDD60NXX
B
Diode-Diode Modules
0
Fig .14 Transient thermal impedance vs. time
1/2 SDD60B
.
K/W
0
0
Fig .15 Forward characteristics
Fig .16 Surge overload current vs. time
Zth(j-s)
Zth(j-c)
Zth
0.4
0.6
0.2
0.3
0.7
0.5
0.9
0.001 t
0.01
0.1
1
10
s
100
IF
VF
A
0.5
1
1.5
2
v
2.5
1/2 SDD60B
.
typ.
max.
Tvj=25 C
O
_
_
Tvj=125 C
O
- -
IFSM(25 C) =700A
O
IFSM(125 C)=600A
O
1 VRRM
.
0.5 VRRM
.
0 VRRM
.
1
t
10
100
ms 1000
0.4
0.6
0.8
1
1.2
1.4
1.6
IF(OV)
IFSM
2
1/2 SDD60B
.
50
100
150
200
250
300
P4
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Número de pieza similar - SDD60N08B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Sirectifier Semiconductors
Sirectifier Semiconduct...
SDD60N08 SIRECTIFIER-SDD60N08 Datasheet
513Kb / 4P
   Diode-Diode Modules
More results

Descripción similar - SDD60N08B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Sirectifier Semiconductors
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
   Diode-Diode Modules
AEGIS SEMICONDUTORES LTDA
AEGIS SEMICONDUTORES LT...
A3L:70DD.XX AEGIS-A3L:70DD.XX Datasheet
253Kb / 4P
   Diode-Diode Modules
A3L:210DD.XX AEGIS-A3L:210DD.XX Datasheet
262Kb / 4P
   Diode-Diode Modules
Sirectifier Semiconductors
Sirectifier Semiconduct...
SDD100 SIRECTIFIER-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
SDD36 SIRECTIFIER-SDD36 Datasheet
533Kb / 4P
   Diode-Diode Modules
SDD165NXXB SIRECTIFIER-SDD165NXXB Datasheet
315Kb / 4P
   Diode-Diode Modules
List of Unclassifed Manufacturers
List of Unclassifed Man...
CDD120 ETC-CDD120 Datasheet
319Kb / 4P
   Diode-Diode Modules
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
More results


Html Pages

1  2  3  4 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz