Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD250-01NRB Datasheet(PDF) 2 Page - Sirectifier Semiconductors

No. de Pieza. SD250-01NRB
Descripción  Discrete Diodes
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIRECTIFIER [Sirectifier Semiconductors]
Página de inicio  http://www.sirectifier.com
Logo 

SD250-01NRB Datasheet(HTML) 2 Page - Sirectifier Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD
Discrete Diodes
Maximum Forward Characteristics
1.
2.
Forward Voltage Drop(V)
10
10
Average Forward Current vs.
Power Dissipation
100
500
200
400
300
400
300
200
100
Average Forward Current(A)
Three Phase
Single Phase
D.C.
160
140
120
100
80
60
300
100
200
Average Forward Current vs.
Allowable Case Temperature
Average Forward Current(A)
Three Phase
Single Phase
D.C.
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
2000
4000
3000
5000
4500
3500
2500
10
20
50
100
60Hz
Tj=25℃ start
0.
0.
0.
0.
Transient Thermal Impedance
Time
t(sec)
10
-3
10
-2
10
10
10
-1
Junction to case
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn