Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD250-02NRB Datasheet(PDF) 1 Page - Sirectifier Semiconductors

No. de Pieza. SD250-02NRB
Descripción  Discrete Diodes
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIRECTIFIER [Sirectifier Semiconductors]
Página de inicio  http://www.sirectifier.com
Logo 

SD250-02NRB Datasheet(HTML) 1 Page - Sirectifier Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD
SD250-01NFB / SD250-01NRB
SD250-02NFB / SD250-02NRB
SD250-04NFB / SD250-04NRB
SD250-08NFB / SD250-08NRB
SD250-10NFB / SD250-10NRB
100
200
400
800
1000
1200
1600
100
200
400
800
1000
1200
1600
VRSM
V
VRRM
V
SD250-12NFB / SD250-12NRB
SD250-16NFB / SD250-16NRB
Discrete Diodes
Dimensions
Symbol
Item
Average Forward Current
Conditions
Ratings
Unit
A
IF(AV)
Single phase, half wave, 180
。conduction, Tc:92℃
250
IF(RMS)
IFSM
R.M.S. Forward Current
Surge Forward Current
Single phase, half wave, 180
。conduction, Tc:92℃
1
2cycle, 50Hz/60Hz, peak value, non-repetitive
390
4000/4500
A
A
I2t
I2t
Value for one cycle of surge current
84000
A2S
Tj
Junction Temperature
−30 to +150
Tstg
Storage Temperature
−30 to +125
Mounting
Torque
Mounting
(M6)
Terminal
(M8)
Mass
Recommended Value 2.5-3.9
(25-40)
Recommended Value 8.8-10
(90-105)
4.7
(48)
11
(115)
N
・m
(㎏f・B)
g
170
IRRM
Item
Repetitive Peak Reverse Current, max.
Conditions
at VDRM, single phase, half wave, Tj
=150℃
Ratings
15
1.15
0.2
Unit
mA
VFM
Forward Voltage Drop, max.
Foward current 800A, Tj
=25℃, Inst. measurement
V
Rth
(j-c) Thermal Impedance, max.
Junction to case
℃/W
■Electrical Characteristics
Symbol
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com
SD250-**NFB
SD250-**NRB


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn