Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC2413K Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No. de pieza 2SC2413K
Descripción Electrónicos  Silicon NPN transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Página de inicio  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC2413K Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC2413K Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2413K Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2413K Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2413K Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2413K Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2413K Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC2413K
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
25
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current
IC
50
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector- Base Breakdown
Voltage
VCBO
IC =50μA
IE=0
40
V
Collector-Emitter Breakdown
Voltage
VCEO
IC=1.0mA
IB=0
25
V
Emitter-Base Breakdown Voltage
VEBO
IE=50μA
IC=0
5.0
V
Collector Cut-Off Current
ICBO
VCB=24V
IE=0
0.5
μA
Emitter Base Cut-Off Current
IEBO
VEB=3.0V
IC=0
0.5
μA
DC Current Gain
hFE
VCE=6.0V
Ic=1.0mA
56
270
Collector to Emitter Saturation
Voltage
VCE(sat)
IC=10mA
IB=1.0mA
0.1
0.3
V
Transition Frequency
fT
VCE=6.0V
IC=1.0mA
f=100MHz
150
300
MHz
Collector Output Capacitance
Cob
VCB=6.0V
IE=0mA
f=1.0MHz
1.3
2.2
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Número de pieza similar - 2SC2413K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SC2413K ROHM-2SC2413K Datasheet
80Kb / 4P
   High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
2SC2413K ROHM-2SC2413K Datasheet
147Kb / 3P
   High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
2SC2413K ROHM-2SC2413K Datasheet
105Kb / 3P
   High-frequency Amplifier Transistor
2SC2413K ROHM-2SC2413K Datasheet
172Kb / 3P
   High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
More results

Descripción similar - 2SC2413K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
BCX70K FOSHAN-BCX70K Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
KTC3881S FOSHAN-KTC3881S Datasheet
693Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
L8050M FOSHAN-L8050M Datasheet
783Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBR5179 FOSHAN-MMBR5179 Datasheet
600Kb / 5P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222 FOSHAN-MMBT2222 Datasheet
817Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222A FOSHAN-MMBT2222A Datasheet
879Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT5089 FOSHAN-MMBT5089 Datasheet
633Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC1740M FOSHAN-2SC1740M Datasheet
760Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2216M FOSHAN-2SC2216M Datasheet
804Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2717M FOSHAN-2SC2717M Datasheet
873Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC3130 FOSHAN-2SC3130 Datasheet
609Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com