Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTE1577 Datasheet(PDF) 3 Page - NTE Electronics

No. de pieza NTE1577
Descripción Electrónicos  Integrated Circuit Dual, Low Noise Preamp w/Auto Reverse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1577 Datasheet(HTML) 3 Page - NTE Electronics

  NTE1577 Datasheet HTML 1Page - NTE Electronics NTE1577 Datasheet HTML 2Page - NTE Electronics NTE1577 Datasheet HTML 3Page - NTE Electronics NTE1577 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electrical Characteristics (Cont’d): (VS = 30V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Amplifier No. 2
Open Loop Voltage Gain (Pin2 to Pin1)
GV
100
dB
Input Bias Current
IB
0.2
µA
Input Offset Voltage
VOS
2
mV
Input Offset Current
Ios
0.05
µA
Small Signal Bandwidth
BW
GV = 30dB
150
kHz
Total Input Noise
en
Rg = 600Ω, Note 1
2
µV
Input Impedance
RI
f = 1kHz (Open Loop)
150
500
k
Note 1. The weighting filter used for the noise measurement has a curve A frequency response.
Autoreverse:
Pin
V12 < 2V
V12 > 4.5V
6 – 10
OFF
ON
7 – 9
ON
OFF
VCC
Pin Connection Diagram
1
2
3
4
Output A
Non–Inverting Input A
Inverting Input A
Voltage Reference
5
Output
6
Input
7
Input
16
15
14
13
Output B
Non–Inverting Input B
Inverting Input B
12 Threshold
11 Output
10 Input
8
GND
9
Input


Número de pieza similar - NTE1577

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE157 NTE-NTE157 Datasheet
23Kb / 2P
   Silicon NPN Transistor Audio Power Amp, High Voltage Converter (Compl to NTE39)
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
NTE1572 NTE-NTE1572 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
NTE1575 NTE-NTE1575 Datasheet
18Kb / 2P
   Integrated Circuit B/W TV Sound IF Amplifier
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
   Integrated Circuit Dual Volume Control/Balance/Tone
More results

Descripción similar - NTE1577

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE1523 NTE-NTE1523 Datasheet
18Kb / 2P
   Integrated Circuit Dual, Low Noise Preamp
NTE983 NTE-NTE983 Datasheet
19Kb / 2P
   Integrated Circuit Low Noise Dual Preamp
NTE1087 NTE-NTE1087 Datasheet
18Kb / 2P
   Integrated Circuit Low Noise Preamp
NTE1052 NTE-NTE1052 Datasheet
76Kb / 1P
   Integrated Circuit Low Noise Preamp
NTE1634 NTE-NTE1634 Datasheet
19Kb / 2P
   Integrated Circuit Dual Preamp w/ALC
NTE725 NTE-NTE725 Datasheet
24Kb / 3P
   Integrated Circuit Dual Low Noise Preamp/OP Amp
NTE1085 NTE-NTE1085 Datasheet
18Kb / 2P
   Integrated Circuit Low Noise Audio Preamp
NTE925 NTE-NTE925 Datasheet
78Kb / 2P
   Integrated Circuit Dual Audio Preamp w/ ALC
NTE1517 NTE-NTE1517 Datasheet
70Kb / 2P
   Integrated Circuit Dual Audio Preamp w/ ALC
NTE1195 NTE-NTE1195 Datasheet
20Kb / 2P
   Integrated Circuit Low Noise, High Gain Preamp
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com