Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS114S06BIPBS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS114S06BIPBS
Descripción Electrónicos  Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS114S06BIPBS Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS114S06BIPBS Datasheet HTML 2Page - Texas Instruments ADS114S06BIPBS Datasheet HTML 3Page - Texas Instruments ADS114S06BIPBS Datasheet HTML 4Page - Texas Instruments ADS114S06BIPBS Datasheet HTML 5Page - Texas Instruments ADS114S06BIPBS Datasheet HTML 6Page - Texas Instruments ADS114S06BIPBS Datasheet HTML 7Page - Texas Instruments ADS114S06BIPBS Datasheet HTML 8Page - Texas Instruments ADS114S06BIPBS Datasheet HTML 9Page - Texas Instruments ADS114S06BIPBS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
6
ADS114S06B, ADS114S08B
SBAS852 – AUGUST 2017
www.ti.com
Product Folder Links: ADS114S06B ADS114S08B
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
AINP and AINN denote the positive and negative inputs of the PGA. Any of the available analog inputs (AINx) can be selected as either
AINP or AINN by the input multiplexer.
(2)
VINMAX denotes the maximum differential input voltage, VIN, that is expected in the application. |VINMAX| can be smaller than VREF / Gain.
(3)
REFPx and REFNx denote one of the two available external differential reference input pairs.
(4)
An external clock is not required when the internal oscillator is used.
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
Analog power supply
AVDD to AVSS
2.7
5.25
V
AVSS to DGND
–2.625
0
0.05
AVDD to DGND
1.5
5.25
Digital core power supply
DVDD to DGND
2.7
3.6
V
Digital IO power supply
IOVDD to DGND
DVDD
5.25
V
ANALOG INPUTS(1)
V(AINx)
Absolute input voltage(2)
PGA bypassed
AVSS – 0.05
AVDD + 0.05
V
PGA enabled, gain = 1 to 16
AVSS + 0.15 +
|VINMAX|·(Gain – 1) / 2
AVDD – 0.15 –
|VINMAX|·(Gain –1) / 2
PGA enabled, gain = 32 to 128
AVSS + 0.15 +
15.5·|VINMAX|
AVDD – 0.15 –
15.5·|VINMAX|
VIN
Differential input voltage
VIN = VAINP – VAINN
–VREF / Gain
VREF / Gain
V
VOLTAGE REFERENCE INPUTS(3)
VREF
Differential reference input
voltage
VREF = V(REFPx) – V(REFNx)
0.5
AVDD – AVSS
V
V(REFNx)
Absolute negative reference
voltage
Negative reference buffer disabled
AVSS – 0.05
V(REFPx) – 0.5
V
Negative reference buffer enabled
AVSS
V(REFPx) – 0.5
V
V(REFPx)
Absolute positive reference
voltage
Positive reference buffer disabled
V(REFNx) + 0.5
AVDD + 0.05
V
Positive reference buffer enabled
V(REFNx) + 0.5
AVDD
V
EXTERNAL CLOCK SOURCE(4)
fCLK
External clock frequency
2
4.096
4.5
MHz
Duty cycle
40%
50%
60%
GENERAL-PURPOSE INPUTS (GPIOs)
Input voltage
AVSS – 0.05
AVDD + 0.05
V
DIGITAL INPUTS (Other than GPIOs)
Input voltage
DGND
IOVDD
V
TEMPERATURE RANGE
TA
Operating ambient temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
ADS114S06B, ADS114S08B
UNIT
VQFN (RHB)
TQFP (PBS)
32 PINS
32 PINS
RθJA
Junction-to-ambient thermal resistance
45.2
75.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
28.3
17.1
°C/W
RθJB
Junction-to-board thermal resistance
15.8
28.5
°C/W
ψJT
Junction-to-top characterization parameter
0.4
0.4
°C/W
ψJB
Junction-to-board characterization parameter
15.7
28.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.3
n/a
°C/W


Número de pieza similar - ADS114S06BIPBS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IPBS TI1-ADS114S06IPBS Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IPBSR TI1-ADS114S06IPBSR Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IRHBR TI1-ADS114S06IRHBR Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IRHBT TI1-ADS114S06IRHBT Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
More results

Descripción similar - ADS114S06BIPBS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Microchip Technology
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
   Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com