Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CSD18511KTT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. CSD18511KTT
Descripción  40-V N-Channel NexFET Power MOSFET
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

CSD18511KTT Datasheet(HTML) 9 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
42X (0.97)
42X (0.95)
(1.17) TYP
(1.15) TYP
(0.48) TYP
(6.9)
(5.08)
(R
) TYP
0.05
2X (3.82)
2X (1.05)
SYMM
PKG
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
(7.48)
(8.55)
2X (3.82)
2X (1.05)
(3.4)
(6.9)
(5.08)
(R
) TYP
0.05
PKG
SYMM
PKG
OPENING
SOLDER MASK
METAL
NON SOLDER MASK
DEFINED
SOLDER MASK
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
DEFINED
9
CSD18511KTT
www.ti.com
SLPS684 – JULY 2017
Product Folder Links: CSD18511KTT
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.2 Recommended PCB Pattern
For recommended circuit layout for PCB designs, see Reducing Ringing Through PCB Layout Techniques
(SLPA005).
7.3 Recommended Stencil Opening (0.125 mm Stencil Thickness)
Notes:
1. This package is designed to be soldered to a thermal pad on the board. See PowerPAD™ Thermally
Enhanced Package (SLMA002) and PowerPAD™ Made Easy (SLMA004) for more information.
2. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525
may have alternate design recommendations.
3. Board assembly site may have different recommendations for stencil design.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn