Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM339-MIL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM339-MIL
Descripción Electrónicos  Low-Power Low-Offset Voltage Quad Comparator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM339-MIL Datasheet(HTML) 1 Page - Texas Instruments

  LM339-MIL Datasheet HTML 1Page - Texas Instruments LM339-MIL Datasheet HTML 2Page - Texas Instruments LM339-MIL Datasheet HTML 3Page - Texas Instruments LM339-MIL Datasheet HTML 4Page - Texas Instruments LM339-MIL Datasheet HTML 5Page - Texas Instruments LM339-MIL Datasheet HTML 6Page - Texas Instruments LM339-MIL Datasheet HTML 7Page - Texas Instruments LM339-MIL Datasheet HTML 8Page - Texas Instruments LM339-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM339-MIL
SNOSD54 – JUNE 2017
LM339-MIL Low-Power Low-Offset Voltage Quad Comparator
1
1 Features
1
Wide Supply Voltage Range
2 to 36 VDC or ±1 to ±18 VDC
Very-Low Supply Current Drain (0.8 mA) —
Independent of Supply Voltage
Low Input Biasing Current: 25 nA
Low Input Offset Current: ±5 nA
Offset Voltage: ±3 mV
Input Common-Mode Voltage Range Includes
GND
Differential Input Voltage Range Equal to the
Power Supply Voltage
Low Output Saturation Voltage: 250 mV at 4 mA
Output Voltage Compatible With TTL, DTL, ECL,
MOS, and CMOS Logic Systems
Advantages:
High-Precision Comparators
Reduced VOS Drift Overtemperature
Eliminates Need for Dual Supplies
Allows Sensing Near GND
Compatible With All Forms of Logic
Power Drain Suitable for Battery Operation
2 Applications
Limit Comparators
Simple Analog-to-Digital Converters (ADCs)
Pulse, Squarewave, and Time Delay Generators
Wide Range VCO; MOS Clock Timers
Multivibrators and High-Voltage Digital Logic
Gates
3 Description
The LM339-MIL device consists of four independent
precision voltage comparators with an offset voltage
specification as low as 2 mV maximum for all four
comparators. These comparators were designed
specifically to operate from a single power supply
over a wide range of voltages. Operation from split
power supplies is also possible and the low-power
supply current drain is independent of the magnitude
of the power supply voltage. These comparators also
have a unique characteristic in that the input
common-mode voltage range includes ground, even
though they are operated from a single power supply
voltage.
The LM339-MIL device was designed to directly
interface with TTL and CMOS. When operated from
both plus and minus power supplies, the device
directly interfaces with MOS logic where the low-
power drain of the LM339-MIL is a distinct advantage
over standard comparators.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM339-MIL
CDIP (14)
19.56 mm × 6.67 mm
SOIC (14)
8.65 mm × 3.91 mm
PDIP (14)
19.177 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Noninverting Comparator With Hysteresis
One-Shot Multivibrator With Input Lockout


Número de pieza similar - LM339-MIL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
LM339-D14-T UTC-LM339-D14-T Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
LM339-D14-T UTC-LM339-D14-T Datasheet
176Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM339-N TI1-LM339-N Datasheet
1Mb / 31P
[Old version datasheet]   LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM339-N TI1-LM339-N Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
logo
Unisonic Technologies
LM339-P14-R UTC-LM339-P14-R Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
More results

Descripción similar - LM339-MIL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331_09 Datasheet
774Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331_10 Datasheet
708Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331 Datasheet
221Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
Diodes Incorporated
AS331 DIODES-AS331 Datasheet
863Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
May 2021 Rev. 2 - 2
logo
NTE Electronics
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
   Integrated Circuit Low Power Low Offset Voltage Comparator
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_06 Datasheet
532Kb / 16P
   Low power quad voltage comparator
LM2901 STMICROELECTRONICS-LM2901_07 Datasheet
547Kb / 13P
   Low power quad voltage comparator
LM2901Q4T STMICROELECTRONICS-LM2901Q4T Datasheet
686Kb / 17P
   Low-power quad voltage comparator
logo
BCD Semiconductor Manuf...
AZ339 BCDSEMI-AZ339_06 Datasheet
173Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AS339 BCDSEMI-AS339 Datasheet
169Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com