Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS12181 Datasheet(PDF) 9 Page - Semtech Corporation

No. de pieza GS12181
Descripción Electrónicos  12G UHD-SDI Retiming Cable Driver
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12181 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button GS12181 Datasheet HTML 5Page - Semtech Corporation GS12181 Datasheet HTML 6Page - Semtech Corporation GS12181 Datasheet HTML 7Page - Semtech Corporation GS12181 Datasheet HTML 8Page - Semtech Corporation GS12181 Datasheet HTML 9Page - Semtech Corporation GS12181 Datasheet HTML 10Page - Semtech Corporation GS12181 Datasheet HTML 11Page - Semtech Corporation GS12181 Datasheet HTML 12Page - Semtech Corporation GS12181 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
GS12181
Final Data Sheet
Rev.5
PDS-060905
October 2016
9 of 68
Semtech
Proprietary & Confidential
www.semtech.com
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
Table 2-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage - Core (VCC_DDI, VCC_CORE,
VDD, VCCO1P8_0, VCCO1P8_1)
-0.5V to +2.2V
Supply Voltage - Output Driver (VCCO_0,
VCCO_1)
-0.5V to +3.65V
Input ESD Voltage (any pin)
2kV HBM
Storage Temperature Range (TS)
-50°C to 125°C
Input Voltage Range (DDI, DDI)
-0.3 to 2.625V
Input Voltage Range (GPIO2, GPIO3,
REF_CLK)
-0.3 to (VCC_CORE +0.3)V
Input Voltage Range (CS, SDIN, SCLK, GPIO0,
GPIO1)
-0.3 to (VDD +0.3)V
Solder Reflow Temperature
260°C
Note: Absolute Maximum Ratings are those values beyond which damage may occur.
Functional operation outside of the ranges shown in the AC/DC electrical characteristics
tables is not guaranteed.


Número de pieza similar - GS12181

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12141-INE3 SEMTECH-GS12141-INE3 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12141-INTE3 SEMTECH-GS12141-INTE3 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
   Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12190-INE3 SEMTECH-GS12190-INE3 Datasheet
2Mb / 121P
   Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
More results

Descripción similar - GS12181

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
   12G UHD-SDI Cable Driver
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
   12G UHD-SDI Re-timing Cable Driver
logo
Texas Instruments
LMH1208 TI1-LMH1208 Datasheet
730Kb / 10P
[Old version datasheet]   12G UHD-SDI Dual Output Cable Driver
logo
Semtech Corporation
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
   Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
   12G UHD-SDI Reclocking Adaptive Cable Equalizer
logo
Texas Instruments
LMH1228 TI1-LMH1228 Datasheet
730Kb / 10P
[Old version datasheet]   12G UHD-SDI Dual Output Cable Driver With Integrated Reclocker
logo
Semtech Corporation
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
   Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
logo
Texas Instruments
LMH1297 TI1-LMH1297 Datasheet
188Kb / 9P
[Old version datasheet]   12G UHD-SDI Bidirectional I/O With Integrated Reclocker
logo
Semtech Corporation
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com