Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS6900S Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDS6900S
Descripción Electrónicos  Dual N-Ch PowerTrench SyncFet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6900S Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS6900S Datasheet HTML 1Page - Fairchild Semiconductor FDS6900S Datasheet HTML 2Page - Fairchild Semiconductor FDS6900S Datasheet HTML 3Page - Fairchild Semiconductor FDS6900S Datasheet HTML 4Page - Fairchild Semiconductor FDS6900S Datasheet HTML 5Page - Fairchild Semiconductor FDS6900S Datasheet HTML 6Page - Fairchild Semiconductor FDS6900S Datasheet HTML 7Page - Fairchild Semiconductor FDS6900S Datasheet HTML 8Page - Fairchild Semiconductor FDS6900S Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FDS6900S Rev C (W)
Typical Characteristics: Q2
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
3.5
VDS, DRAIN-SOURCE VOLTAGE (V)
4.5V
3.5V
VGS = 10V
4.0V
6.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
0
10
203040
50
ID, DRAIN CURRENT (A)
VGS = 3.5V
6.0V
10V
4.5V
4.0V
5.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 8.2A
VGS = 10V
0.01
0.02
0.03
0.04
0.05
0.06
2468
10
V
GS, GATE TO SOURCE VOLTAGE (V)
ID = 4A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
5
10
15
20
25
30
35
40
1.5
2
2.5
3
3.5
4
4.5
5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = 5V
0.001
0.01
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Número de pieza similar - FDS6900S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6900AS FAIRCHILD-FDS6900AS Datasheet
183Kb / 10P
   Dual N-Ch PowerTrench SyncFET
FDS6900AS_NL FAIRCHILD-FDS6900AS_NL Datasheet
183Kb / 10P
   Dual N-Ch PowerTrench SyncFET
More results

Descripción similar - FDS6900S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6900AS FAIRCHILD-FDS6900AS Datasheet
183Kb / 10P
   Dual N-Ch PowerTrench SyncFET
FDS6990AS FAIRCHILD-FDS6990AS_08 Datasheet
899Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990S FAIRCHILD-FDS6990S Datasheet
86Kb / 6P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
542Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
logo
ON Semiconductor
FDMS1D4N03S ONSEMI-FDMS1D4N03S Datasheet
613Kb / 9P
   N-Channel PowerTrench SyncFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDU6676AS FAIRCHILD-FDU6676AS_08 Datasheet
687Kb / 7P
   N-Channel PowerTrench SyncFET
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com