Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N4907 Datasheet(PDF) 1 Page - Seme LAB

No. de pieza 2N4907
Descripción Electrónicos  Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4907 Datasheet(HTML) 1 Page - Seme LAB

  2N4907 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N4907
Bipolar PNP Device.
V
CEO =
40V
I
C = 10A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
40
V
I
C(CONT)
10
A
h
FE
@ 4/4 (V
CE / IC)
20
80
-
f
t
4M
Hz
P
D
150
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar PNP Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Número de pieza similar - 2N4907

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2N4907 ETC-2N4907 Datasheet
347Kb / 8P
   Power Transistors
logo
Savantic, Inc.
2N4907 SAVANTIC-2N4907 Datasheet
112Kb / 3P
   Silicon PNP Power Transistors
2N4907 SAVANTIC-2N4907 Datasheet
114Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N4907 ISC-2N4907 Datasheet
104Kb / 2P
   DC Current Gain-: hFE= 20-80 @IC= -4A
logo
New Jersey Semi-Conduct...
2N4907 NJSEMI-2N4907 Datasheet
131Kb / 2P
   Silicon PNP Power Transistors
More results

Descripción similar - 2N4907

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N6228 SEME-LAB-2N6228 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDX92 SEME-LAB-SF_BDX92 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDX96 SEME-LAB-SF_BDX96 Datasheet
12Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
BUW23 SEME-LAB-BUW23 Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package.
2N3174 SEME-LAB-2N3174 Datasheet
12Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BUW22A SEME-LAB-SF_BUW22A Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_2N5871 SEME-LAB-SF_2N5871 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDW52A SEME-LAB-SF_BDW52A Datasheet
12Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDX88 SEME-LAB-SF_BDX88 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
2N5623 SEME-LAB-2N5623 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
BDX94 SEME-LAB-BDX94 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com