Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS75105YFFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS75105YFFR
Descripción Electrónicos  Low Dropout, Two-Bank LED Driver With PWM Brightness Control
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75105YFFR Datasheet(HTML) 4 Page - Texas Instruments

  TPS75105YFFR Datasheet HTML 1Page - Texas Instruments TPS75105YFFR Datasheet HTML 2Page - Texas Instruments TPS75105YFFR Datasheet HTML 3Page - Texas Instruments TPS75105YFFR Datasheet HTML 4Page - Texas Instruments TPS75105YFFR Datasheet HTML 5Page - Texas Instruments TPS75105YFFR Datasheet HTML 6Page - Texas Instruments TPS75105YFFR Datasheet HTML 7Page - Texas Instruments TPS75105YFFR Datasheet HTML 8Page - Texas Instruments TPS75105YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
TPS75100, TPS75103, TPS75105
SBVS080J – SEPTEMBER 2006 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: TPS75100 TPS75103 TPS75105
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN range
–0.3
7
V
VISET, VENA, VENB, VDX range
–0.3
VIN
V
IDX for D1A, D2A, D1B, D2B
35
mA
D1A, D2A, D1B, D2B short-circuit duration
Indefinite
Continuous total power dissipation
Internally limited
Junction temperature, TJ
–55
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
PARAMETER
MIN
NOM
MAX
UNIT
VIN
Input voltage
2.7
5.5
V
IDX
Operating current per LED
3
25
mA
tPWM
On-time for PWM signal
33
µs
TJ
Operating junction temperature range
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TPS7510x
UNIT
YFF (DSBGA)
DSK (WSON)
9 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
101.6
65.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.2
54.0
°C/W
RθJB
Junction-to-board thermal resistance
17.6
39.5
°C/W
ψJT
Junction-to-top characterization parameter
0.6
1.6
°C/W
ψJB
Junction-to-board characterization parameter
17.8
39.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
23.6
°C/W


Número de pieza similar - TPS75105YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS75105YFFR TI-TPS75105YFFR Datasheet
363Kb / 15P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75105YFFR TI-TPS75105YFFR Datasheet
470Kb / 16P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75105YFFR TI1-TPS75105YFFR Datasheet
588Kb / 19P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75105YFFR TI1-TPS75105YFFR Datasheet
1Mb / 22P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
More results

Descripción similar - TPS75105YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7510X TI-TPS7510X Datasheet
363Kb / 15P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS7510X TI-TPS7510X_08 Datasheet
470Kb / 16P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75103 TI1-TPS75103 Datasheet
588Kb / 19P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS7510X TI1-TPS7510X_16 Datasheet
1Mb / 22P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Texas Instruments
LP5524 TI1-LP5524_16 Datasheet
840Kb / 19P
[Old version datasheet]   LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com