Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS650932 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS650932
Descripción Electrónicos  Simple and Flexible Wide Input Voltage PMIC for Computing
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650932 Datasheet(HTML) 4 Page - Texas Instruments

  TPS650932 Datasheet HTML 1Page - Texas Instruments TPS650932 Datasheet HTML 2Page - Texas Instruments TPS650932 Datasheet HTML 3Page - Texas Instruments TPS650932 Datasheet HTML 4Page - Texas Instruments TPS650932 Datasheet HTML 5Page - Texas Instruments TPS650932 Datasheet HTML 6Page - Texas Instruments TPS650932 Datasheet HTML 7Page - Texas Instruments TPS650932 Datasheet HTML 8Page - Texas Instruments TPS650932 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 121 page
background image
4
TPS650932
SLVSE36 – AUGUST 2017
www.ti.com
Submit Documentation Feedback
Voltage Regulator and Power-Good Comparator Logic Assignment
Copyright © 2017, Texas Instruments Incorporated
(1)
PP = Push pull, OD = Open drain
3
Voltage Regulator and Power-Good Comparator Logic Assignment
Table 3-1 lists the voltage regulator and power-good comparator logic assignments for Cannon Lake
Platforms.
Table 3-1. Voltage Regulator and Power-Good Comparator Logic Assignment for Cannon Lake Platforms
REGULATOR OR COMPARATOR
PREMIUM
(SPLIT LOW VOLTAGE RAILS)
POWER-GOOD
OUTPUT SETTING(1)
Cannon Lake PLATFORM
POWER-SYSTEM VOLTAGE RAIL
OUTPUT VOLTAGE ( VO) OR
COMPARATOR INPUT
VR1
V1.05A
1.05 V
PP
VR2
V1.8A
1.8 V
PP
VR3
3.3PCH
3.3 V
PP
VR4
VDDQ
1.2 V, 1.35 V, 1.1 V
OD
VR5
VCCPRIMCORE
1.05 V
PP
LDO1
VTT
½ of VDDQ
External regulator A
VCCIO (optional)
0.95 V
External regulator B
V5A_DS3
Power-good comparator logic A
V3.3A_DSW enable
Sense external-load switch
3.3 V
PP
Power-good comparator logic B
V1.8U_2.5U enable
Sense external-load switch
1.8 V
PP
Power-good comparator logic C
V5A_DS3 enable
Sense external regulator B
5 V
PP
Power-good comparator logic D
VCCIO enable
Sense external load switch
Level mode 0.85 V
PP
Power-good comparator logic E
V3.3S sense external-load switch
3.3 V
PP
Power-good comparator logic F
V1.8S sense external-load switch
Output of VR2
PP
Power-good comparator logic G
V1.05S sense external-load switch
Output of VR1
OD
Power-good comparator logic H
Unavailable
Used in level-shifter mode
Window mode 1.2V
OD


Número de pieza similar - TPS650932

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65090 TI1-TPS65090 Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
TPS65090A TI-TPS65090A Datasheet
2Mb / 66P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In Series
TPS65090A TI-TPS65090A Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090A TI1-TPS65090A Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
TPS65090ARVNR TI-TPS65090ARVNR Datasheet
2Mb / 66P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In Series
More results

Descripción similar - TPS650932

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS650830 TI1-TPS650830 Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
logo
Advanced Micro Devices
CS500 AMD-CS500 Datasheet
2Mb / 4P
   Flexible Computing Performance
logo
Renesas Technology Corp
ISL91302BIK RENESAS-ISL91302BIK Datasheet
1Mb / 62P
   Dual/Single Output PMIC with 12-Bit Telemetry ADC for Industrial and Computing Applications
Feb.25.20
logo
Analog Devices
MAX77720 AD-MAX77720 Datasheet
2Mb / 52P
   Wide Output-Voltage Range, Dual- Polarity PMIC
19-101733; Rev 0; 9/23
logo
Ultralife Corporation.
UKT0037 ULTRALIFE-UKT0037 Datasheet
257Kb / 1P
   Wide input voltage for global use
Rev: B
logo
Analog Devices
5B40 AD-5B40_15 Datasheet
696Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B41 AD-5B41_15 Datasheet
696Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B40 AD-5B40 Datasheet
695Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
logo
STMicroelectronics
STEVAL-ISA118V1 STMICROELECTRONICS-STEVAL-ISA118V1 Datasheet
107Kb / 5P
   Offline converter for wide range input voltage
January 2013 Rev 1
logo
ON Semiconductor
NCP81561 ONSEMI-NCP81561 Datasheet
239Kb / 12P
   Single-Phase Voltage Regulator for Computing Applications
May, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com