Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1011 Datasheet(PDF) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No. de pieza 2SA1011
Descripción Electrónicos  Silicon PNP transistor in a TO-220 Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Página de inicio  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SA1011 Datasheet(HTML) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SA1011 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1011 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1011 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1011 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1011 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1011 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SA1011
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
5 / 6
印章说明 / Marking Instructions
说明:
BR
为公司代码
A1011
: 
为型号代码
D
:
为 hFE 分档代码
****:

为生产批号代码,随生产批号变化
Note:
BR:


Company Code
A1011:
Product Type.
D:
hFE Classifications Symbol
****:

Lot No. Code, code change with Lot No.
BR
****
A1011
D


Número de pieza similar - 2SA1011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2SA1011 MOSPEC-2SA1011 Datasheet
109Kb / 3P
   POWER TRANSISTORS(1.5A,160V,25W)
logo
Wing Shing Computer Com...
2SA1011 WINGS-2SA1011 Datasheet
69Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Sanyo Semicon Device
2SA1011 SANYO-2SA1011 Datasheet
90Kb / 3P
   High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
logo
Inchange Semiconductor ...
2SA1011 ISC-2SA1011 Datasheet
142Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1011 SAVANTIC-2SA1011 Datasheet
149Kb / 4P
   Silicon PNP Power Transistors
More results

Descripción similar - 2SA1011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
MJE15033 FOSHAN-MJE15033 Datasheet
1,009Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP32A FOSHAN-TIP32A Datasheet
904Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP32C FOSHAN-TIP32C Datasheet
904Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP127 FOSHAN-TIP127 Datasheet
883Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
2SA1010 FOSHAN-2SA1010 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
BD544 FOSHAN-BD544 Datasheet
887Kb / 7P
   Silicon PNP transistor in a TO-220 Plastic Package.
BD544A FOSHAN-BD544A Datasheet
887Kb / 7P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP32 FOSHAN-TIP32 Datasheet
904Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
2SA940 FOSHAN-2SA940 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
MJE2955T FOSHAN-MJE2955T Datasheet
882Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP42C FOSHAN-TIP42C Datasheet
906Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com