Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1SS400SM Datasheet(PDF) 1 Page - Rohm

No. de pieza 1SS400SM
Descripción Electrónicos  Switching Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

1SS400SM Datasheet(HTML) 1 Page - Rohm

  1SS400SM_16 Datasheet HTML 1Page - Rohm 1SS400SM_16 Datasheet HTML 2Page - Rohm 1SS400SM_16 Datasheet HTML 3Page - Rohm 1SS400SM_16 Datasheet HTML 4Page - Rohm 1SS400SM_16 Datasheet HTML 5Page - Rohm 1SS400SM_16 Datasheet HTML 6Page - Rohm 1SS400SM_16 Datasheet HTML 7Page - Rohm 1SS400SM_16 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1SS400SM
Switching Diode (High speed switching)
Data sheet
 
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
          Outline
VRM
90
V
     
 
IFM
225
mA
 
 
Io
100
mA
 
 
IFSM
500
mA
 
 
 
     
Features
Inner Circuit
High reliability
Small mold type
High Speed switching
Application
Packaging Specifications
High speed switching
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
Structure
Basic Ordering Unit(pcs)
8000
Epitaxial planar
Taping Code
T2R
Marking
A
Absolute Maximum Ratings (Ta = 25ºC)
                 
Parameter
Symbol
Conditions
Limits
Unit
Reverse voltage
VR
-
80
V
Repetitive peak reverse voltage
VRM
-
90
V
Average rectified forward current
Io
-
100
mA
Forward current
IFM
-
225
mA
Peak forward surge current
IFSM
t=1s
500
mA
Junction temperature
Tj
-
150
Storage temperature
Tstg
-
-55 150
Characteristics (Ta = 25ºC)
     
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Forward voltage
VF
IF=100mA
-
-
1.2
V
Reverse current
IR
VR=80V
-
-
100
nA
Capacitance between terminals
Ct
VR=0.5V f=1.0MHz
-
-
3.0
pF
Reverse recovery time
trr
VR=6.0V IF=10mA RL=100Ω
-
-
4.0
ns
Cautionstatic electricity
                                                                                         
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
1/4
 
2016/03/17_Rev.002


Número de pieza similar - 1SS400SM_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
1SS400SMFH ROHM-1SS400SMFH Datasheet
1Mb / 8P
   Switching Diode
More results

Descripción similar - 1SS400SM_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com