Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMS3101F14S-29PBSS-1 Datasheet(PDF) 6 Page - DDK Ltd.

No. de pieza DMS3101F14S-29PBSS-1
Descripción Electrónicos  MIL-DTL-5015 Compatible Environment Resistant Type
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DDK [DDK Ltd.]
Página de inicio  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3101F14S-29PBSS-1 Datasheet(HTML) 6 Page - DDK Ltd.

Back Button DMS3101F14S-29PBSS-1 Datasheet HTML 2Page - DDK Ltd. DMS3101F14S-29PBSS-1 Datasheet HTML 3Page - DDK Ltd. DMS3101F14S-29PBSS-1 Datasheet HTML 4Page - DDK Ltd. DMS3101F14S-29PBSS-1 Datasheet HTML 5Page - DDK Ltd. DMS3101F14S-29PBSS-1 Datasheet HTML 6Page - DDK Ltd. DMS3101F14S-29PBSS-1 Datasheet HTML 7Page - DDK Ltd. DMS3101F14S-29PBSS-1 Datasheet HTML 8Page - DDK Ltd. DMS3101F14S-29PBSS-1 Datasheet HTML 9Page - DDK Ltd. DMS3101F14S-29PBSS-1 Datasheet HTML 10Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Unit:mm
http://www.ddknet.co.jp
D/MS E/F/R Series
6
○ D/MS E/F/R Series
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
Insert No
Key / Keyway No.
W
X
Y
Z
10SL-3
-
-
-
-
10SL-4
-
-
-
-
12S-3
70°
145°
215°
290°
14S-2
-
120°
240°
-
14S-5
-
110°
-
-
14S-6
-
-
-
-
14S-7
90°
180°
270°
-
16S-1
80°
180°
270°
-
16S-5
70°
145°
215°
290°
16S-8
-
170°
265°
-
16-9
35°
110°
250°
325°
16-10
90°
180°
270°
-
18-1
70°
145°
215°
290°
18-3
35°
110°
250°
325°
18-10
-
120°
240°
-
18-11
-
170°
265°
-
18-19
-
120°
240°
-
20-2
-
-
-
-
20-15
80°
-
-
280°
20-27
35°
110°
250°
325°
20-29
80°
-
-
280°
20-33
-
-
-
-
22-14
80°
110°
250°
280°
22-19
80°
110°
250°
280°
22-22
-
110°
250°
-
24-10
80°
-
-
280°
24-28
80°
110°
250°
280°
28-5B
-
-
-
-
28-21
80°
110°
250°
280°
32-17
45°
110°
250°
-
36-3
70°
145°
215°
290°
36-10
80°
125°
235°
280°
Alternate Insert Position
Front face of Pin Insert or Rear face of socket insert
CL


Número de pieza similar - DMS3101F14S-29PBSS-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DDK Ltd.
DMS3101F14S DDK-DMS3101F14S Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
More results

Descripción similar - DMS3101F14S-29PBSS-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DDK Ltd.
DMS3100E10SL DDK-DMS3100E10SL Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
947-042 GLENAIR-947-042 Datasheet
257Kb / 2P
   MIL-DTL-5015 Type Hermetic
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Glenair, Inc.
947-371 GLENAIR-947-371 Datasheet
266Kb / 2P
   MIL-DTL-5015 Type Hermetic Receptacle
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com