Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KS0105 Datasheet(PDF) 2 Page - Samsung semiconductor

No. de pieza KS0105
Descripción Electrónicos  32 CH COMMON DRIVER FOR DOT MATRIX LCD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0105 Datasheet(HTML) 2 Page - Samsung semiconductor

  KS0105 Datasheet HTML 1Page - Samsung semiconductor KS0105 Datasheet HTML 2Page - Samsung semiconductor KS0105 Datasheet HTML 3Page - Samsung semiconductor KS0105 Datasheet HTML 4Page - Samsung semiconductor KS0105 Datasheet HTML 5Page - Samsung semiconductor KS0105 Datasheet HTML 6Page - Samsung semiconductor KS0105 Datasheet HTML 7Page - Samsung semiconductor KS0105 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KS0105
32 CH COMMON DRIVER FOR DOT MATRIX LCD
PIN CONFIGURATION
PIN DESCRIPTION
PIN(No.)
INPUT/OUTPUT
NAME
DESCRIPTION
INTERFACE
VDD(24)
Operating Voltage
For Internal logic circuit (+5V¡¾10%)
VSS(9)
Power
GND (0V)
Power
VEE(31)
Negative Supply
Voltage
For LCD driver circuit
Supply
OSCIN, OSCR,
OSCC
(15-17)
Oscillator
Generate Oscillation Frequency (refer to note 1)
C1-C32
(36-60, 1-7)
Output
Common Output
Common signal output for LCD driving
(refer to note 4)
LCD
DL, DR(8, 29) Input/Output
Data Input or Output Data input/output pin of internal shift register
Other
KS0105
M(26)
Input/Output
Alternated Signal
For LCD Driver
Alternating signal input pin for LCD driving
KS0106
19
20
21
22
23
24
25
26
27
28
29
30
50
51
52
53
54
55
56
57
58
59
60
NC
DR
CL
NC
M
NC
V
DD
FRM
CLK1
CLK2
M/S
SHL
C18
C
17
C
16
C
15
C
14
C
13
C
12
C
11
C
10
C
9
C
8
KS0105
Fig 2. 60 QFP Top View
Master mode
Output
Slave mode
Input


Número de pieza similar - KS0105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS0103 SAMSUNG-KS0103 Datasheet
567Kb / 17P
   CMOS DIGITAL INTERGRATED CIRCUIT
KS0104 SAMSUNG-KS0104 Datasheet
567Kb / 17P
   CMOS DIGITAL INTERGRATED CIRCUIT
KS0107B SAMSUNG-KS0107B Datasheet
157Kb / 17P
   64CH SEGMENT DRIVER FOR DOT MATRIX LCD
KS0108B SAMSUNG-KS0108B Datasheet
157Kb / 17P
   64CH SEGMENT DRIVER FOR DOT MATRIX LCD
logo
Hantronix,Inc
KS0108B HANTRONIX-KS0108B_15 Datasheet
157Kb / 17P
   64CH SEGMENT DRIVER FOR DOT MATRIX LCD
More results

Descripción similar - KS0105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
   80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
S6A0065 SAMSUNG-S6A0065 Datasheet
116Kb / 12P
   40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
logo
RAIO Technology Inc.
RA0086A RAIO-RA0086A Datasheet
181Kb / 6P
   80 CH Segment/Common Driver For Dot Matrix LCD Specification
logo
Anpec Electronics Corop...
APU0065 ANPEC-APU0065 Datasheet
136Kb / 11P
   40 CH Driver for Dot Matrix LCD
logo
Samsung semiconductor
S6B0107 SAMSUNG-S6B0107 Datasheet
226Kb / 23P
   64CH COMMON DRIVER FOR DOT MATRIX LCD
logo
OKI electronic componet...
MSM5278 OKI-MSM5278 Datasheet
145Kb / 7P
   DOT MATRIX LCD 64 DOT COMMON DRIVER
MSM5238 OKI-MSM5238 Datasheet
122Kb / 12P
   32-DOT LCD COMMON DRIVER
logo
Samsung semiconductor
S6B0108 SAMSUNG-S6B0108 Datasheet
165Kb / 23P
   64 CH SEGMENT DRIVER FOR DOT MATRIX LCD
logo
Sanyo Semicon Device
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
logo
Sitronix Technology Co....
ST7065C SITRONIX-ST7065C Datasheet
146Kb / 14P
   40CH Segment/Common Driver for Dot Matrix LCD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com