Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DMS3101E12S-29SCBSL-1 Datasheet(PDF) 2 Page - DDK Ltd. |
|
DMS3101E12S-29SCBSL-1 Datasheet(HTML) 2 Page - DDK Ltd. |
2 / 26 page Unit:mm http://www.ddknet.co.jp D/MS E/F/R Series 2 ○ D/MS E/F/R Series ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Please varify the latest specifications with our drawings. Specification Structural Explanation Ferrule Ferrule Wall Receptacle Connector D/MS3100E □□□□ - □□ P □ - □ Straight Plug Connector D/MS3106 □□□□□ - □□ S □ - □ Grommet Grommet Pin Contact Socket Contact Pin Insert Socket Insert Wall Receptacle Shell Straight Plug Shell Backshell Coupling Ring Backshell Insulation Resistance More than 500M Ω at DC500V (at 25℃ degree) Temperature Range -55℃ to +125℃ Durability 500 cycle mating / unmating operatings Thermal Shock MIL-STD-202 method 107 Temperature range of -55℃ to +125℃ Humidity Relative humidity : 95% ±3% Temperature : 71℃ ±2℃ Duration : 14 days(336hrs.) Vibration MIL-STD-1344 method 2005 10-500Hz or 10G units Shock, Electrical 1-2 sine wave transient shock impulse of 50G units Duration: 10 micro sec(There must not be current interception.) Test Current / 100mA Salt Spray MIL-STD-1344 method 1001 Salt solution / 5% Temperature in tank / 35℃ Duration: 48H |
Número de pieza similar - DMS3101E12S-29SCBSL-1 |
|
Descripción similar - DMS3101E12S-29SCBSL-1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |