Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF420 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No. de pieza BF420
Descripción Electrónicos  Silicon NPN transistor in a TO-92 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Página de inicio  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BF420 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BF420 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BF420 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BF420 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BF420 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BF420 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BF420 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BF420
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
300
V
Collector to Emitter Voltage
VCEO
300
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current - Continuous
IC
50
mA
Peak Collector Current
ICM
100
mA
Collector Power Dissipation
PC
830
mW
Peak Base Current
IBM
50
mA
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector Cut-off Current
ICBO
VCB=200V
IE=0
0.01
μA
C Emitter Cut-off Current
IEBO
VEB=5.0V
IC=0
0.05
μA
DC Current Gain
hFE
VCE=20V
IC=25mA
50
Collector to Emitter Saturation
Voltage
VCE(sat) IC=30mA
IB=5.0mA
0.6
V
Base to Emitter Voltage
VBE
VCE=20V
IC=25mA
0.75
V
Transition Frequency
fT
VCE=10V
IC=10mA
60
MHz
Reverse Transfer Capacitance
Cre
VCB=30V
IE=0
f=1.0MHz
1.6
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Número de pieza similar - BF420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BF420 MOTOROLA-BF420 Datasheet
114Kb / 4P
   High Voltage Transistors(NPN)
logo
Micro Commercial Compon...
BF420 MCC-BF420 Datasheet
228Kb / 2P
   NPN Silicon Plastic-Encapsulate Transistor
logo
ON Semiconductor
BF420 ONSEMI-BF420 Datasheet
80Kb / 4P
   High Voltage Transistors(NPN Silicon)
REV 1
logo
SHENZHEN YONGERJIA INDU...
BF420 WINNERJOIN-BF420 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
logo
NXP Semiconductors
BF420 PHILIPS-BF420 Datasheet
62Kb / 6P
   NPN high-voltage transistors
2004 Nov 10
More results

Descripción similar - BF420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
2N4401 FOSHAN-2N4401 Datasheet
933Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2308 FOSHAN-2SC2308 Datasheet
929Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2310 FOSHAN-2SC2310 Datasheet
820Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SD882S FOSHAN-2SD882S Datasheet
933Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MPSA44 FOSHAN-MPSA44 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MJE13003VK1 FOSHAN-MJE13003VK1 Datasheet
826Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
2SC1675 FOSHAN-2SC1675 Datasheet
908Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC383TM FOSHAN-2SC383TM Datasheet
830Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MJE13003L1 FOSHAN-MJE13003L1 Datasheet
863Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
KTC3203 FOSHAN-KTC3203 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
KTD1302 FOSHAN-KTD1302 Datasheet
828Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com