Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM6610MH Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

No. de pieza SM6610MH
Descripción Electrónicos  CMOS Monolithic Analog Output Temperature Sensor IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6610MH Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM6610MH Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6610MH Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6610MH Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6610MH Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6610MH Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6610MH Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6610MH Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SM6610 series
NIPPON PRECISION CIRCUITS INC.—4
DC Characteristics
VDD = 5.0 V, VSS = 0 V, Ta = – 40 to 100 °C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption
IDD
No load, Ta
= + 25 °C
5.5
10.0
µA
Output voltage
VOUT
Ta
= − 30 °C
AH version
2.456
2.509
2.563
V
Ta
= + 25 °C
1.877
1.930
1.984
V
Ta
= + 100 °C
1.065
1.118
1.172
V
Ta
= − 30 °C
BH version
1.850
1.891
1.932
V
Ta
= + 25 °C
1.409
1.450
1.491
V
Ta
= + 100 °C
0.784
0.825
0.866
V
Ta
= − 30 °C
LH version
2.477
2.509
2.541
V
Ta
= + 25 °C
1.898
1.930
1.962
V
Ta
= + 100 °C
1.086
1.118
1.150
V
Ta
= − 30 °C
MH version
1.867
1.891
1.915
V
Ta
= + 25 °C
1.425
1.450
1.475
V
Ta
= + 100 °C
0.801
0.825
0.849
V
Temperature coefficient1
1. Temperature coefficient: TC = (VOUT (@100°C) − VOUT (@− 30°C))/130
TC
Ta
= − 30 to + 100 °C
AH, LH version
– 11.1
− 10.7
– 10.3
mV/
°C
BH, MH version
– 8.5
− 8.2
– 7.9
mV/
°C
Linearity2
2. Linearity: NL = (a/b) × 100
a: Maximum deviation between measured and approximate value in the range of – 20
°C to + 80°C.
b: Measured value difference between the values at – 20
°C and + 80°C.
NL
Ta
= − 20 to + 80 °C–
± 0.5
%
Maximum capacitive load
CL
100
pF
Maximum output current load
IL
VDD = 2.4V
BH, MH version
± 50
µA
VDD = 4.5V
All versions
± 250
µA
Start up time
tD
CL = 100pF
AH, LH version
300
µs
BH, MH version
200
µs
PDN Input voltage
VIH
VDD − 0.3
V
VIL
––
VSS + 0.3
V
Ta
a
a
a
0 C
VTEMP(V)
b
Approximate value
Measured value
V (
−20 C)
−20 C
80 C
V (80 C)


Número de pieza similar - SM6610MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM6610AD NPC-SM6610AD Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610BD NPC-SM6610BD Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610BH NPC-SM6610BH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
More results

Descripción similar - SM6610MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
   Analog Output Temperature Sensor IC
logo
Mitsumi Electronics, Co...
MM1522 MITSUMI-MM1522 Datasheet
85Kb / 4P
   Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
S-58LM20A SII-S-58LM20A Datasheet
509Kb / 27P
   CMOS TEMPERATURE SENSOR IC
S-8110C SII-S-8110C Datasheet
324Kb / 21P
   CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S58LM20A SII-S58LM20A Datasheet
538Kb / 28P
   CMOS TEMPERATURE SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com