Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUC1G66 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AUC1G66
Descripción Electrónicos  SINGLE BILATERAL ANALOG SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G66 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUC1G66 Datasheet HTML 1Page - Texas Instruments SN74AUC1G66 Datasheet HTML 2Page - Texas Instruments SN74AUC1G66 Datasheet HTML 3Page - Texas Instruments SN74AUC1G66 Datasheet HTML 4Page - Texas Instruments SN74AUC1G66 Datasheet HTML 5Page - Texas Instruments SN74AUC1G66 Datasheet HTML 6Page - Texas Instruments SN74AUC1G66 Datasheet HTML 7Page - Texas Instruments SN74AUC1G66 Datasheet HTML 8Page - Texas Instruments SN74AUC1G66 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN74AUC1G66
SINGLE BILATERAL ANALOG SWITCH
SCES386F – MARCH 2002 – REVISED APRIL 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
analog switch characteristics, TA = 25°C
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
60
CL = 50 pF, RL = 600 Ω,
1.1 V
60
CL = 50 F, RL = 600 Ω,
fin = sine wave
1.4 V
80
in
(see Figure 5)
1.65 V
120
Frequency response†
AorB
BorA
2.3 V
170
MHz
qy
(switch ON)
A or B
B or A
0.8 V
>500
MHz
CL = 5 pF, RL = 50 Ω,
1.1 V
>500
CL = 5 F, RL = 50 Ω,
fin = sine wave
1.4 V
>500
in
(see Figure 5)
1.65 V
>500
2.3 V
>500
0.8 V
9
CL = 50 pF, RL = 600 Ω,
1.1 V
14
Crosstalk
(control input to signal output)
C
A or B
CL = 50 F, RL = 600 Ω,
fin = 1 MHz (square wave)
1.4 V
15
mV
(control input to signal output)
in
(see Figure 6)
1.65 V
16
2.3 V
20
0.8 V
–60
CL = 50 pF, RL = 600 Ω,
1.1 V
–60
CL = 50 F, RL = 600 Ω,
fin = 1 MHz (sine wave)
1.4 V
–60
in
(see Figure 7)
1.65 V
–60
Feed-through attenuation‡
AorB
BorA
2.3 V
–60
dB
g
(switch OFF)
A or B
B or A
0.8 V
–55
dB
CL = 5 pF, RL = 50 Ω,
1.1 V
–55
CL = 5 F, RL = 50 Ω,
fin = 1 MHz (sine wave)
1.4 V
–55
in
(see Figure 7)
1.65 V
–55
2.3 V
–55
0.8 V
7.5
CL = 50 pF, RL = 10 kΩ,
1.1 V
0.16
A or B
B or A
CL = 50 F, RL = 10 kΩ,
fin = 1 kHz (sine wave)
1.4 V
0.04
in
(see Figure 8)
1.65 V
0.03
Sine wave distortion
2.3 V
0.02
%
Sine-wave distortion
0.8 V
4.2
%
CL = 50 pF, RL = 10 kΩ,
1.1 V
0.2
A or B
B or A
CL = 50 F, RL = 10 kΩ,
fin = 10 kHz (sine wave)
1.4 V
0.03
in
(see Figure 8)
1.65 V
0.02
2.3 V
0.02
† Adjust fin voltage to obtain 0 dBm at output. Increase fin frequency until dB meter reads –3 dB.
‡ Adjust fin voltage to obtain 0 dBm at input.
operating characteristics, TA = 25°C
PARAMETER
TEST
VCC = 0.8 V VCC = 1.2 V VCC = 1.5 V VCC = 1.8 V VCC = 2.5 V
UNIT
PARAMETER
CONDITIONS
TYP
TYP
TYP
TYP
TYP
UNIT
Cpd
Power dissipation
capacitance
f = 10 MHz
3
3
3
3
3
pF


Número de pieza similar - SN74AUC1G66

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66DBVR TI-SN74AUC1G66DBVR Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66DBVRE4 TI-SN74AUC1G66DBVRE4 Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66DBVRG4 TI-SN74AUC1G66DBVRG4 Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66DCKR TI-SN74AUC1G66DCKR Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
More results

Descripción similar - SN74AUC1G66

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66 TI1-SN74LVC1G66_16 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com