Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM384P120T800AC0 Datasheet(PDF) 2 Page - Vicor Corporation

No. de pieza BCM384P120T800AC0
Descripción Electrónicos  Analog HV and LV 6123 ChiP BCM짰 Bus Converter Evaluation Board User Guide
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM384P120T800AC0 Datasheet(HTML) 2 Page - Vicor Corporation

  BCM384P120T800AC0 Datasheet HTML 1Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 2Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 3Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 4Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 5Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 6Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 7Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 8Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
UG:015
vicorpower.com
Applications Engineering: 800 927.9474
Page 2
IMPORTANT NOTICE:
Hazardous voltages are present on the HV BCM Evaluation Board under power.
PERSONAL CONTACT WITH LINE VOLTAGE MAY RESULT IN SEVERE INJURY, DISABILITY, OR
DEATH. IMPROPER OR UNSAFE HANDLING OF THIS BOARD MAY RESULT IN SERIOUS INJURY
OR DEATH.
Read the precautions below entirely BEFORE using the BCM Evaluation Board. Do not operate the
evaluation board unless appropriate bench safety precautions are in place to guarantee safety.
The list below is not comprehensive and is not a substitute for common sense and good practice.
n
During operation, the power devices and surrounding structures can be operated safely at
high temperatures.
n
Remove power and use caution when connecting and disconnecting test probes and interface lines
to avoid inadvertent short circuits and contact with hot surfaces.
n
Never use a jumper in place of the fuse.
n
When testing electronic products always use approved safety glasses. Follow good laboratory
practice and procedures.
n
Avoid creating ground loops when making measurements of the isolated input or output voltage.
n
Care should be taken to protect the user from accidental contact when under power.
n
Care should be taken to avoid reversing polarities if connecting to the opposite (solder) side of
the board.
n
The product evaluation boards described in this document are designed for general laboratory
evaluation, and are not suitable for installation in end user equipment.
n
Refer to the specific BCM module data sheet for electrical, thermal, and mechanical product details.
These boards provide a convenient way to evaluate/demonstrate the performance of
Vicor’s BCM products. Kelvin connections are provided for accurate voltage measurements on power
nodes. Sockets are provided to permit quick installation and changing of bulk filtering capacitors. The
evaluation board also provides lugs for Input / output connections, test points and sockets for easy
connection to standard test equipment, and a high performance air cooled heatsink assembly.
Contents
The evaluation board arrives with the following contents:
n
1 x BCM evaluation board
n
1 x Top heatsink pre-installed as well as a bottom of the ChiP heatsink when applicable
n
1 x hardware kit:
n
1 x through-hole aluminum-electrolytic output capacitor (C121)
n
3 x Connector Receptacle 8 position
n
2 x Connector socket 2 position
n
5 x size 10 screws, lugs and washers


Número de pieza similar - BCM384P120T800AC0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM384P120T800AC0 VICOR-BCM384P120T800AC0 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384P120T800AC0 VICOR-BCM384P120T800AC0 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
More results

Descripción similar - BCM384P120T800AC0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCD48BF030T210A00 VICOR-BCD48BF030T210A00 Datasheet
1Mb / 5P
   VI Chip짰 BCM짰 Customer Evaluation Board User Guide
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
   Evaluation Board User Guide
REV. B
UG-272 AD-UG-272 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
UG-486 AD-UG-486 Datasheet
532Kb / 8P
   Evaluation Board User Guide
REV. 0
UG-317 AD-UG-317 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
logo
International Rectifier
IRDC3138EVAL IRF-IRDC3138EVAL Datasheet
541Kb / 6P
   EVALUATION BOARD USER GUIDE
logo
Vicor Corporation
BCD380P475T1K2A30 VICOR-BCD380P475T1K2A30 Datasheet
3Mb / 25P
   BCM짰 Bus Converter
logo
International Rectifier
IRDC3046 IRF-IRDC3046 Datasheet
164Kb / 7P
   IRU3046 EVALUATION BOARD USER GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com