Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BCM384P120T800ACR Datasheet(PDF) 3 Page - Vicor Corporation |
|
BCM384P120T800ACR Datasheet(HTML) 3 Page - Vicor Corporation |
3 / 14 page UG:015 vicorpower.com Applications Engineering: 800 927.9474 Page 3 Features The BCM evaluation board has the following features: 1. Input and output lugs for source and load connections 2. Appropriately rated input fuse 3. Input Aluminum Electrolytic capacitor for additional source decoupling 4. Basic output filtering footprint, including sockets to add through-hole output Aluminum Electrolytic capacitors 5. Toggle switch for enabling and disabling the BCM via the enable (EN) pin 6. Oscilloscope probe jack for accurate, high frequency output voltage measurements 7. Connectors for BCM signal pins (TM, EN, and VAUX) and temperature monitor filtered signal 8. Kelvin voltage test points for all power pins 9. Top and bottom heatsink assembly for the BCM where applicable Board Description The following section provides a detailed description of the evaluation board components, test points and sockets. General Components 1. BCM (PS01) 2. Input lugs: Sized for #10 hardware. Use for making connection to the input source. This board does not contain reverse polarity protection. Check for proper polarity before applying the power. It is important to remember that noise from the source and voltage drops, will appear at the output of he bus converter multiplied by transformation ratio (K). The K factor is the ratio of the output voltage to the input voltage (VOUT / VIN). 3. Input fuse (F101 & F102): Appropriately rated for the BCM model installed on the board. The fuse is not meant to protect the module. 4. Input filtering: Aluminum Electrolytic input capacitor (C101). 5. Enable / Disable switch (SW101): When actuator is in top position towards “ON” text on the board, the (EN) pin will be open and the BCM will be enabled. When actuator is in bottom position towards “OFF” text on the board, the (EN) pin will be connected to (-IN) pin and the BCM will be disabled. When switch (SW101) is “ON”, an external voltage source can control the EN pin state. 6. Signal connector (J102): provides access to the bus converter signal pins (TM, EN, and VAUX) as well as (TM_DC) externally filtered signal. All signal pins are reference to the primary non-isolated voltage return (-IN) pin. |
Número de pieza similar - BCM384P120T800ACR |
|
Descripción similar - BCM384P120T800ACR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |