Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC1008 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza 2SC1008
Descripción Electrónicos  TO-92 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC1008 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC1008 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1008 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1008 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1008 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1008 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.1
1
10
1
10
100
1000
200
400
600
800
1000
0.1
1
10
100
0
25
50
75
100
125
150
0
200
400
600
800
1000
1200
0.1
1
10
100
0
200
400
600
800
1000
0.1
1
10
100
10
100
1000
0.1
1
10
100
10
100
1000
01
234
5678
9
10
0.00
0.05
0.10
0.15
0.20
0.25
REVERSE VOLTAGE V (V)
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/ V
EB
C
ob
/ C
ib
——
30
BASE-EMITER VOLTAGE V
BE
(mV)
I
C
V
BE
COMMON EMITTER
V
CE=2V
AMBIENT TEMPERATURE T
a
( )
P
C
——
T
a
700
700
700
700
——
COLLECTOR CURRENT I
C
(mA)
=10
T
a=100
T
a=25
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
I
C
V
CEsat
——
T
a=100
T
a=25
=10
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=2V
T
a=25
T
a=100
I
C
h
FE
——
1mA
900uA
800uA
700uA
600uA
500uA
400uA
300uA
200uA
I
B=100uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
COMMON
EMITTER
T
a=25
Static Characteristic
ZZZFMHOHFFRP
($XJ
Typical Characteristics


Número de pieza similar - 2SC1008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2SC1008 ETC-2SC1008 Datasheet
352Kb / 3P
   TRANSISTOR NPN
2SC1008 ETC1-2SC1008 Datasheet
41Kb / 1P
   Medium Power Amplifiers and Switches
logo
TRANSYS Electronics Lim...
2SC1008 TEL-2SC1008 Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
logo
Weitron Technology
2SC1008 WEITRON-2SC1008 Datasheet
352Kb / 3P
   NPNPlastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
More results

Descripción similar - 2SC1008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com