Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC2120 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza 2SC2120
Descripción Electrónicos  TO-92 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2120 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC2120 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2120 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2120 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2120 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2120 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
10
100
10
100
1000
1
10
100
10
100
0.1
1
10
1
110
100
10
100
0
25
50
75
100
125
150
0
200
400
600
800
0.2
0.4
0.6
0.8
1.0
1
10
100
1
10
100
0.1
1
0.0
0.4
0.8
1.2
1.6
2.0
0
40
80
120
160
200
800
f
T
—— I
C
h
FE
——
COMMON EMITTER
V
CE=1V
3
30
300
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
2
800
β=25
30
300
30
3
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
I
C
V
CEsat
——
600
300
100
30
10
3
3
0.3
20
C
ob
C
ib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/ IC=0
T
a=25
V
CB/ VEB
C
ob/ Cib
——
500
3
30
V
CE=5V
T
a=25
COLLECTOR CURRENT I
C
(mA)
T
a
AMBIENT TEMPERATURE T
a
( )
P
C
——
300
V
BE
I
C
——
30
3
800
T
a=25
T
a=100
COMMON EMITTER
V
CE=1V
BASE-EMITER VOLTAGE V
BE (V)
800
30
3
β=25
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
300
I
C
V
BEsat
——
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
1mA
900uA
800uA
700uA
600uA
500uA
400uA
300uA
200uA
I
B=100uA
COMMON
EMITTER
T
a=25
www.cj-elec.com
3
E,Aug,2017
Typical Characteristics


Número de pieza similar - 2SC2120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SC2120 TOSHIBA-2SC2120 Datasheet
135Kb / 2P
   TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
2SC2120 TOSHIBA-2SC2120 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
logo
List of Unclassifed Man...
2SC2120 ETC1-2SC2120 Datasheet
41Kb / 1P
   Medium Power Amplifiers and Switches
logo
Toshiba Semiconductor
2SC2120 TOSHIBA-2SC2120 Datasheet
6Mb / 126P
   COLOUR TELEVISION C9PJ Chassis
2000
2SC2120 TOSHIBA-2SC2120 Datasheet
313Kb / 3P
   Silicon NPN Epitaxial Type (PCT process)
More results

Descripción similar - 2SC2120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com