Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK14C88-3N45I Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

No. de pieza STK14C88-3N45I
Descripción Electrónicos  32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

STK14C88-3N45I Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button STK14C88-3N45I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 12Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STK14C88-3
November 2003
11
Document Control # ML0015 rev 0.3
ORDERING INFORMATION
Temperature Range
Blank = Commercial (0 to 70°C)
I = Industrial (-40 to 85°C)
Access Time
35 = 35ns
45 = 45ns
55 = 55ns
Lead Finish
Blank = 85%Sn/15%Pb
F = 100% Sn (Matte Tin)
Package
N = Plastic 32-pin 300 mil SOIC
W = Plastic 32-pin 600 mil DIP
R = Plastic 48-pin 300 mil SSOP
STK14C88-3 N F 45 I


Número de pieza similar - STK14C88-3N45I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK14C88-3NF35 SIMTEK-STK14C88-3NF35 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3NF35 SIMTEK-STK14C88-3NF35 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3NF35 CYPRESS-STK14C88-3NF35 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3NF35 CYPRESS-STK14C88-3NF35 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
logo
Simtek Corporation
STK14C88-3NF35I SIMTEK-STK14C88-3NF35I Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
More results

Descripción similar - STK14C88-3N45I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com