Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS81314PD19GK-800 Datasheet(PDF) 7 Page - GSI Technology

No. de pieza GS81314PD19GK-800
Descripción Electrónicos  Burst of 4 Single-Bank ECCRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81314PD19GK-800 Datasheet(HTML) 7 Page - GSI Technology

Back Button GS81314PD19GK-800 Datasheet HTML 3Page - GSI Technology GS81314PD19GK-800 Datasheet HTML 4Page - GSI Technology GS81314PD19GK-800 Datasheet HTML 5Page - GSI Technology GS81314PD19GK-800 Datasheet HTML 6Page - GSI Technology GS81314PD19GK-800 Datasheet HTML 7Page - GSI Technology GS81314PD19GK-800 Datasheet HTML 8Page - GSI Technology GS81314PD19GK-800 Datasheet HTML 9Page - GSI Technology GS81314PD19GK-800 Datasheet HTML 10Page - GSI Technology GS81314PD19GK-800 Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
GS81314PD19/37GK-933/800
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 3/2016
7/39
© 2015, GSI Technology
Power-Up and Reset Requirements
For reliability purposes, power supplies must power up simultaneously, or in the following sequence:
VSS, VDD, VDDQ, VREF and inputs.
Power supplies must power down simultaneously, or in the reverse sequence.
After power supplies power up, the following start-up sequence must be followed.
Step 1: Assert RST High for at least 1ms.
While RST is asserted high:
• The PLL is disabled.
• The states of R, W, and MRW control inputs are ignored.
Note: If possible, RST should be asserted High before input clocks begin toggling, and remain asserted High until input clocks are
stable and toggling within specification, in order to prevent unstable, out-of-spec input clocks from causing trouble in the SRAM.
Step 2: Begin toggling input clocks.
After input clocks begin toggling, but not necessarily within specification:
• Q are placed in the non-Read state, and remain so until the first Read operation.
• QVLD are driven Low, and remain so until the first Read operation.
• CQ, CQ begin toggling, but not necessarily within specification.
Step 3: Wait until input clocks are stable and toggling within specification.
Step 4: De-assert RST Low.
Step 5: Wait at least 384K (393,216) cycles.
During this time:
• Driver and ODT impedances are calibrated. Can take up to 320K cycles.
• The current source for the PLL is calibrated (based on RCS pin). Can take up to 64K cycles.
Step 6: Enable the PLL.
Step 7: Wait at least 64K (65,536) cycles for the PLL to lock.
After the PLL has locked:
• CQ, CQ begin toggling within specification.
Step 8: Continue initialization (see the Initialization Flow Chart).
Reset Usage
Although not generally recommended, RST may be asserted High at any time after completion of the initial power-up sequence
described above, to reset the SRAM control logic to its initial power-on state. However, whenever RST is subsequently de-asserted
Low, as in step 4 above, steps 5~7 above must be followed before normal operation is resumed. It is up the system to determine
whether further re-initialization beyond step 7 (as outlined in the Initialization Flow Chart) is required before normal operation is
resumed.
Note: Memory array content may be perturbed/corrupted when RST is asserted High.


Número de pieza similar - GS81314PD19GK-800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS81314PD19GK-933 GSI-GS81314PD19GK-933 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD19GK-933I GSI-GS81314PD19GK-933I Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
More results

Descripción similar - GS81314PD19GK-800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS81314LD19GK-800 GSI-GS81314LD19GK-800 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314LD37GK-933I GSI-GS81314LD37GK-933I Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD19GK-933I GSI-GS81314PD19GK-933I Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD37GK-800I GSI-GS81314PD37GK-800I Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314LD19GK-933 GSI-GS81314LD19GK-933 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314LD37GK-800 GSI-GS81314LD37GK-800 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD37GK-933I GSI-GS81314PD37GK-933I Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD19GK-933 GSI-GS81314PD19GK-933 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314LQ19GK-800 GSI-GS81314LQ19GK-800 Datasheet
482Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314PQ19GK-800I GSI-GS81314PQ19GK-800I Datasheet
484Kb / 39P
   Burst of 2 Single-Bank ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com