Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS81313LQ18GK-714 Datasheet(PDF) 4 Page - GSI Technology

No. de pieza GS81313LQ18GK-714
Descripción Electrónicos  4Mb x 36 and 8Mb x 18 organizations available
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81313LQ18GK-714 Datasheet(HTML) 4 Page - GSI Technology

  GS81313LQ18GK-714 Datasheet HTML 1Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 2Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 3Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 4Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 5Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 6Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 7Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 8Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
GS81313LQ18/36GK-800/714/600
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.13 7/2016
4/26
© 2014, GSI Technology
Pin Description
Symbol
Description
Type
SA
Address — Read Address is registered on
CK and Write Address is registered on CK.
Input
D[35:0]
Write Data — Registered on
KD and KD during Write operations.
D[17:0] - x18 and x36.
D[35:18] - x36 only.
Input
Q[35:0]
Read Data — Aligned with
CQ and CQ during Read operations.
Q[17:0] - x18 and x36.
Q[35:18] - x36 only.
Output
QVLD[1:0]
Read Data Valid — Driven high one half cycle before valid Read Data.
Output
CK, CK
Primary Input Clocks — Dual single-ended. Used for latching address and control inputs, for internal timing
control, and for output timing control.
Input
KD[1:0],
KD[1:0]
Write Data Input Clocks — Dual single-ended. Used for latching write data inputs.
KD0, KD0: latch Write Data (D[17:0] in x36, D[8:0] in x18).
KD1, KD1: latch Write Data (D[35:18] in x36, D[17:9] in x18).
Input
CQ[1:0],
CQ[1:0]
Read Data Output Clocks — Free-running output (echo) clocks, tightly aligned with read data outputs.
Facilitate source-synchronous operation.
CQ0, CQ0: align with Q[17:0] in x36, and Q[8:0] in x18.
CQ1, CQ1: align with Q[35:18] in x36, and Q[17:9] in x18.
Output
R
Read Enable — Registered on
CK. R = 0 initiates a Read operation.
Input
W
Write Enable — Registered on
CK. W = 0 initiates a Write operation.
Input
PLL
PLL Enable — Weakly pulled High internally.
PLL = 0: disables internal PLL.
PLL = 1: enables internal PLL.
Input
RST
Reset — Holds the device inactive and resets the device to its initial power-on state when asserted High.
Weakly pulled Low internally.
Input
ZQ
Driver Impedance Control Resistor Input — Must be connected to VSS through an external resistor RQ to
program driver impedance.
Input
ZT
ODT Impedance Control Resistor Input — Must be connected to VSS through an external resistor RT to
program ODT impedance.
Input
RCS
Current Source Resistor Input — Must be connected to VSS through an external 2K resistor to provide
an accurate current source for the PLL.
Input
MZT[1:0]
ODT Mode Select — Set the ODT state globally for all input groups. Must be tied High or Low.
MZT[1:0] = 00: disables ODT on all input groups, regardless of PZT[1:0].
MZT[1:0] = 01: enables strong ODT on select input groups, as specified by PZT[1:0].
MZT[1:0] = 10: enables weak ODT on select input groups, as specified by PZT[1:0].
MZT[1:0] = 11: reserved.
Input


Número de pieza similar - GS81313LQ18GK-714

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS81313LQ18GK-600 GSI-GS81313LQ18GK-600 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-800 GSI-GS81313LQ18GK-800 Datasheet
352Kb / 26P
   144Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS81313LQ18GK-800I GSI-GS81313LQ18GK-800I Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
More results

Descripción similar - GS81313LQ18GK-714

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS81313LQ18GK-600 GSI-GS81313LQ18GK-600 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-714I GSI-GS81313LD36GK-714I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-800I GSI-GS81313LQ18GK-800I Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625 GSI-GS81313LD36GK-625 Datasheet
369Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625I GSI-GS81313LD36GK-625I Datasheet
357Kb / 25P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-833I GSI-GS81313LD36GK-833I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS82583ED18GK-500 GSI-GS82583ED18GK-500 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-500I GSI-GS82583EQ18GK-500I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ36GK-500 GSI-GS82583EQ36GK-500 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com