Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS81313LQ18GK-714 Datasheet(PDF) 1 Page - GSI Technology

No. de pieza GS81313LQ18GK-714
Descripción Electrónicos  4Mb x 36 and 8Mb x 18 organizations available
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81313LQ18GK-714 Datasheet(HTML) 1 Page - GSI Technology

  GS81313LQ18GK-714 Datasheet HTML 1Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 2Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 3Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 4Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 5Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 6Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 7Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 8Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
GS81313LQ18/36GK-800/714/600
144Mb SigmaQuad-IIIe™
Burst of 2 ECCRAM™
Up to 800 MHz
1.25V ~ 1.3V VDD
1.2V ~ 1.3V VDDQ
Rev: 1.13 7/2016
1/26
© 2014, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
260-Pin BGA
Com & Ind Temp
HSTL I/O
Features
• 4Mb x 36 and 8Mb x 18 organizations available
• 800 MHz maximum operating frequency
• 1.6 BT/s peak transaction rate (in billions per second)
• 115 Gb/s peak data bandwidth (in x36 devices)
• Separate I/O DDR Data Buses
• Non-multiplexed DDR Address Bus
• Two operations - Read and Write - per clock cycle
• Burst of 2 Read and Write operations
• 3 cycle Read Latency
• On-chip ECC with virtually zero SER
• 1.25V ~ 1.3V core voltage
• 1.2V ~ 1.3V HSTL I/O interface
• Configurable ODT (on-die termination)
• ZQ pin for programmable driver impedance
• ZT pin for programmable ODT impedance
• IEEE 1149.1 JTAG-compliant Boundary Scan
• 260-pin, 14 mm x 22 mm, 1 mm ball pitch, 6/6 RoHS-
compliant BGA package
SigmaQuad-IIIe™ Family Overview
SigmaQuad-IIIe ECCRAMs are the Separate I/O half of the
SigmaQuad-IIIe/SigmaDDR-IIIe family of high performance
ECCRAMs. Although very similar to GSI's second generation
of networking SRAMs (the SigmaQuad-II/SigmaDDR-II
family), these third generation devices offer several new
features that help enable significantly higher performance.
Clocking and Addressing Schemes
The GS81313LQ18/36GK SigmaQuad-IIIe ECCRAMs are
synchronous devices. They employ three pairs of positive and
negative input clocks; one pair of master clocks, CK and CK,
and two pairs of write data clocks, KD[1:0] and KD[1:0]. All
six input clocks are single-ended; that is, each is received by a
dedicated input buffer.
CK and CK are used to latch address and control inputs, and to
control all output timing. KD[1:0] and KD[1:0] are used solely
to latch data inputs.
Each internal read and write operation in a SigmaQuad-IIIe B2
ECCRAM is two times wider than the device I/O bus. An input
data bus de-multiplexer is used to accumulate incoming data
before it is simultaneously written to the memory array. An
output data multiplexer is used to capture the data produced
from a single memory array read and then route it to the
appropriate output drivers as needed. Therefore, the address
field of a SigmaQuad-IIIe B2 ECCRAM is always one address
pin less than the advertised index depth (e.g. the 8M x 18 has
4M addressable index).
On-Chip Error Correction Code
GSI's ECCRAMs implement an ECC algorithm that detects
and corrects all single-bit memory errors, including those
induced by SER events such as cosmic rays, alpha particles,
etc. The resulting Soft Error Rate of these devices is
anticipated to be <0.002 FITs/Mb — a 5-order-of-magnitude
improvement over comparable SRAMs with no on-chip ECC,
which typically have an SER of 200 FITs/Mb or more.
All quoted SER values are at sea level in New York City.
Parameter Synopsis
Speed Grade
Max Operating Frequency
Read Latency
VDD
-800
800 MHz
3 cycles
1.2V to 1.35V
-714
714 MHz
3 cycles
1.2V to 1.35V
-600
600 MHz
3 cycles
1.2V to 1.35V


Número de pieza similar - GS81313LQ18GK-714

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS81313LQ18GK-600 GSI-GS81313LQ18GK-600 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-800 GSI-GS81313LQ18GK-800 Datasheet
352Kb / 26P
   144Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS81313LQ18GK-800I GSI-GS81313LQ18GK-800I Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
More results

Descripción similar - GS81313LQ18GK-714

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS81313LQ18GK-600 GSI-GS81313LQ18GK-600 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-714I GSI-GS81313LD36GK-714I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-800I GSI-GS81313LQ18GK-800I Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625 GSI-GS81313LD36GK-625 Datasheet
369Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625I GSI-GS81313LD36GK-625I Datasheet
357Kb / 25P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-833I GSI-GS81313LD36GK-833I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS82583ED18GK-500 GSI-GS82583ED18GK-500 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-500I GSI-GS82583EQ18GK-500I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ36GK-500 GSI-GS82583EQ36GK-500 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com