Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8333CBHB-I8T1U Datasheet(PDF) 20 Page - Seiko Instruments Inc

No. de pieza S-8333CBHB-I8T1U
Descripción Electrónicos  STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CBHB-I8T1U Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S-8333CBHB-I8T1U Datasheet HTML 16Page - Seiko Instruments Inc S-8333CBHB-I8T1U Datasheet HTML 17Page - Seiko Instruments Inc S-8333CBHB-I8T1U Datasheet HTML 18Page - Seiko Instruments Inc S-8333CBHB-I8T1U Datasheet HTML 19Page - Seiko Instruments Inc S-8333CBHB-I8T1U Datasheet HTML 20Page - Seiko Instruments Inc S-8333CBHB-I8T1U Datasheet HTML 21Page - Seiko Instruments Inc S-8333CBHB-I8T1U Datasheet HTML 22Page - Seiko Instruments Inc S-8333CBHB-I8T1U Datasheet HTML 23Page - Seiko Instruments Inc S-8333CBHB-I8T1U Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333 Series
Rev.4.2_01
20
Precaution
• Mount external capacitors, diodes, and inductor as close as possible to the IC.
• Characteristics ripple voltage and spike noise occur in IC containing switching regulators. Moreover rush current
flows at the time of a power supply injection. Because these largely depend on the inductor, the capacitor and
impedance of power supply used, fully check them using an actually mounted model.
• Make sure the dissipation of the switching transistor (especially at a high temperature) does not exceed the
allowable power dissipation of the package.
• The performance of a switching regulator varies depending on the design of the PCB patterns, peripheral circuits,
and external parts. Thoroughly test all settings with your device.
• The capacitor, diode, inductor and others used as external parts do not assure the operation at high temperature.
Evaluate fully using the actual application when designing.
• This IC builds in soft start function, starts reference voltage gradually, and it is controlled so that FB pin voltage and
reference voltage become this potential. Therefore, keep in mind that it will be in a maximum duty state according
to the factor of IC exterior if FB pin voltage is held less than reference voltage.
• Although the IC contains a static electricity protection circuit, static electricity or voltage that exceeds the limit of the
protection circuit should not be applied.
• SII Semiconductor Corporation assumes no responsibility for the way in which this IC is used on products created
using this IC or for the specifications of that product, nor does SII Semiconductor Corporation assume any
responsibility for any infringement of patents or copyrights by products that include this IC either in Japan or in
other countries.


Número de pieza similar - S-8333CBHB-I8T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8333CBHB-T8T1S SII-S-8333CBHB-T8T1S Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333CBHB-T8T1U SII-S-8333CBHB-T8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Descripción similar - S-8333CBHB-I8T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
logo
List of Unclassifed Man...
AT1729 ETC-AT1729 Datasheet
248Kb / 8P
   3-Channel PWM Controller for LCD Bias
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
   2-Channel PWM Controller for LCD Bias
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
   2-Channel PWM Controller for LCD Bias
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com