Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8333CBHA-T8T1y Datasheet(PDF) 15 Page - Seiko Instruments Inc

No. de pieza S-8333CBHA-T8T1y
Descripción Electrónicos  STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CBHA-T8T1y Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button S-8333CBHA-T8T1y Datasheet HTML 11Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 12Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 13Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 14Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 15Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 16Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 17Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 18Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_01
S-8333 Series
15
External Parts Selection
1. Inductor
The inductance has a strong influence on the maximum output current (IOUT) and efficiency (
η).
The peak current (IPK) increases by decreasing L and the stability of the circuit improves and IOUT increases. If L
is decreased further, the efficiency falls, and IOUT decreases if the current drive capability of the external
transistor is insufficient.
The loss of IPK by the switching transistor decreases by increasing L and the efficiency becomes maximum at a
certain L value. Further increasing L decrease the efficiency due to the loss of the DC resistance of the inductor.
IOUT also decreases.
If the oscillation frequency is higher, a smaller L value can be chosen, making the inductor smaller. In the S-8333
Series, the oscillation frequency can be varied within the range of 280 kHz to 1.08 MHz by the external resistor,
so select an L value best suited to the frequency. The recommended value is between 2.2
μH and 22 μH.
When selecting an inductor, note the allowable current of the inductor. If a current exceeding this allowable
current flows through the inductor, magnetic saturation occurs, substantially lowering the efficiency and
increasing the current, which results in damage to the IC.
Therefore, select an inductor so that IPK does not exceed the allowable current. IPK is expressed by the following
equations in the discontinuous mode and continuous mode.
L
f
)
V
V
(V
I
2
I
osc
IN
D
OUT
OUT
PK
×
+
=
)
mode
ous
discontinu
(
................................................. (17)
L
f
)
V
(V
2
V
)
V
V
(V
I
V
V
V
I
osc
D
OUT
IN
IN
D
OUT
OUT
IN
D
OUT
PK
×
×
+
×
×
+
+
×
+
=
mode)
s
(continuou
....................................................... (18)
fOSC
= Oscillation frequency, VD ≅ 0.4 V.
2. Diode
Use an external diode that meets the following requirements.
• Low forward voltage
• High switching speed
• Reverse breakdown voltage: VOUT + [Spike voltage] or more
• Rated current: IPK or more
3. Capacitors (CIN, CL)
The capacitor on the input side (CIN) can lower the supply impedance and level the input current for better
efficiency. Select CIN according to the impedance of the power supply to be used.
The capacitor on the output side (CL) is used to smooth the output voltage. Select an appropriate capacitance
value based on the I/O conditions and load conditions. A capacitance of 10
μF or more is recommended.
By adjusting the phase compensation of the feedback loop using the external resistor (RZ) and capacitor (CZ), a
ceramic capacitor can be used as the capacitor on the output side. If a capacitor whose equivalent series
resistance is between 30 m
Ω and 500 mΩ is used as the output capacitor, the adjustable range of the phase
compensation is wider; however, note that other characteristics may be affected by ripple voltage or other
conditions at this time. The optimal capacitor differs depending on the L value, capacitance value, wiring, and
application (output load), so select the capacitor after performing sufficient evaluation under the actual usage
conditions.


Número de pieza similar - S-8333CBHA-T8T1y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8333CBHA-T8T1S SII-S-8333CBHA-T8T1S Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333CBHA-T8T1U SII-S-8333CBHA-T8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Descripción similar - S-8333CBHA-T8T1y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
logo
List of Unclassifed Man...
AT1729 ETC-AT1729 Datasheet
248Kb / 8P
   3-Channel PWM Controller for LCD Bias
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
   2-Channel PWM Controller for LCD Bias
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
   2-Channel PWM Controller for LCD Bias
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com