Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8333CBHA-T8T1y Datasheet(PDF) 16 Page - Seiko Instruments Inc

No. de pieza S-8333CBHA-T8T1y
Descripción Electrónicos  STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CBHA-T8T1y Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S-8333CBHA-T8T1y Datasheet HTML 12Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 13Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 14Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 15Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 16Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 17Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 18Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 19Page - Seiko Instruments Inc S-8333CBHA-T8T1y Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333 Series
Rev.4.2_01
16
4. External transistor
A bipolar (NPN) or enhancement (N-channel) MOS FET transistor can be used as the external capacitor.
4. 1 Bipolar (NPN) type
The driving capability when the output current is increased by using a bipolar transistor is determined by hFE
and Rb of the bipolar transistor. Figure 11 shows a peripheral circuit.
Nch
Pch
Rb
VIN
IPK
EXT
Cb
2200 pF
1 k
Ω
Figure 11 External Transistor Periphery
1 k
Ω is recommended for Rb. Actually, calculate the necessary base current (Ib) from hFE of the bipolar
transistor as follows and select an Rb value lower than this.
Ib
=
hFE
IPK
Rb
=
Ib
VIN
− 0.7
IEXTH
0.4
A small Rb increases the output current, but the efficiency decreases. Actually, a pulsating current flows and
a voltage drop occurs due to the wiring capacitance. Determine the optimum value by experiment.
A speed-up capacitor (Cb) connected in parallel with Rb resistance as shown in Figure 11 decreases the
switching loss and improves the efficiency.
Select Cb by observing the following equation.
Cb
1
2
π × Rb × fosc × 0.7
However, in practice, the optimum Cb value also varies depending on the characteristics of the bipolar
transistor employed. Therefore, determine the optimum value of Cb by experiment.
4. 2 Enhancement MOS FET type
Use an Nch power MOS FET. For high efficiency, using a MOS FET with a low ON resistance (RON) and
small input capacitance (CISS) is ideal, however, ON resistance and input capacitance generally share a
trade-off relationship. The ON resistance is efficient in a range in which the output current is relatively great
during low-frequency switching, and the input capacitance is efficient in a range in which the output current
is middling during high-frequency switching.
Select a MOS FET whose ON resistance and input
capacitance are optimal depending on the usage conditions.
The input voltage (VIN) is supplied for the gate voltage of the MOS FET, so select a MOS FET with a gate
withstanding voltage that is equal to the maximum usage value of the input voltage or higher and a drain
withstanding voltage that is equal to the amount of the output voltage (VOUT) and diode voltage (VD) or
higher.
If a MOS FET with a threshold that is near the UVLO detection voltage is used, a large current may flow,
stopping the output voltage from rising and possibly generating heat in the worst case. Select a MOS FET
with a threshold that is sufficiently lower than the UVLO detection voltage value.


Número de pieza similar - S-8333CBHA-T8T1y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8333CBHA-T8T1S SII-S-8333CBHA-T8T1S Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333CBHA-T8T1U SII-S-8333CBHA-T8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Descripción similar - S-8333CBHA-T8T1y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
logo
List of Unclassifed Man...
AT1729 ETC-AT1729 Datasheet
248Kb / 8P
   3-Channel PWM Controller for LCD Bias
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
   2-Channel PWM Controller for LCD Bias
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
   2-Channel PWM Controller for LCD Bias
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com