Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8333CBHC-T8T1y Datasheet(PDF) 17 Page - Seiko Instruments Inc

No. de pieza S-8333CBHC-T8T1y
Descripción Electrónicos  STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CBHC-T8T1y Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S-8333CBHC-T8T1y Datasheet HTML 13Page - Seiko Instruments Inc S-8333CBHC-T8T1y Datasheet HTML 14Page - Seiko Instruments Inc S-8333CBHC-T8T1y Datasheet HTML 15Page - Seiko Instruments Inc S-8333CBHC-T8T1y Datasheet HTML 16Page - Seiko Instruments Inc S-8333CBHC-T8T1y Datasheet HTML 17Page - Seiko Instruments Inc S-8333CBHC-T8T1y Datasheet HTML 18Page - Seiko Instruments Inc S-8333CBHC-T8T1y Datasheet HTML 19Page - Seiko Instruments Inc S-8333CBHC-T8T1y Datasheet HTML 20Page - Seiko Instruments Inc S-8333CBHC-T8T1y Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_01
S-8333 Series
17
5. Oscillation frequency and maximum duty ratio setting resistors (ROSC, RDuty)
With the S-8333 Series, the oscillation frequency can be set in a range of 280 kHz to 1.08 MHz using external
resistance. Connect a resistor across the ROSC and VSS pins. Select the resistor by using the following
equation and referring to Figure 12. However, the following equation and figure assume that the resistance
value is the desired value and show the theoretical values when the IC is in the typical conditions. Note that
fluctuations of resistance and IC are not considered.
130
× 10
3
ROSC [k
Ω] ≅
fOSC [kHz]
1400
1200
1000
800
600
400
200
0
0
200
400
600
ROSC [k
Ω]
Figure 12 ROSC vs. fOSC
With the S-8333 Series, the maximum duty ratio can be set in a range of 47% to 88.5% (between 47 to 80%, if the
oscillation frequency is less than 500 kHz) by an external resistor. Connect the resistor across the RDuty and
VSS pins. Select the resistance by using the following equation and referring to Figure 13. The maximum duty
ratio fluctuates according to the oscillation frequency. If the value of ROSC is changed, therefore, be sure to
change the value of RDuty so that it is always in proportion to RDuty / ROSC. However, the following equation
and figure assume that the resistance value is the desired value and show the theoretical values when the IC is
in the typical conditions. Note that fluctuations of resistance and IC are not considered.
Caution Set max. duty 80% or less if the oscillation frequency is less than 500 kHz.
(95.5
− MaxDuty)
ROSC
RDuty
15.0
100
90
80
70
60
50
40
0
2
4
RDuty / ROSC
1
3
Figure 13 RDuty / ROSC vs. MaxDuty
Connect resistors ROSC and RDuty as close to the IC as possible.


Número de pieza similar - S-8333CBHC-T8T1y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8333CBHC-T8T1S SII-S-8333CBHC-T8T1S Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333CBHC-T8T1U SII-S-8333CBHC-T8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Descripción similar - S-8333CBHC-T8T1y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
logo
List of Unclassifed Man...
AT1729 ETC-AT1729 Datasheet
248Kb / 8P
   3-Channel PWM Controller for LCD Bias
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
   2-Channel PWM Controller for LCD Bias
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
   2-Channel PWM Controller for LCD Bias
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com