Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8333CCAA-T8T1y Datasheet(PDF) 30 Page - Seiko Instruments Inc

No. de pieza S-8333CCAA-T8T1y
Descripción Electrónicos  STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CCAA-T8T1y Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button S-8333CCAA-T8T1y Datasheet HTML 26Page - Seiko Instruments Inc S-8333CCAA-T8T1y Datasheet HTML 27Page - Seiko Instruments Inc S-8333CCAA-T8T1y Datasheet HTML 28Page - Seiko Instruments Inc S-8333CCAA-T8T1y Datasheet HTML 29Page - Seiko Instruments Inc S-8333CCAA-T8T1y Datasheet HTML 30Page - Seiko Instruments Inc S-8333CCAA-T8T1y Datasheet HTML 31Page - Seiko Instruments Inc S-8333CCAA-T8T1y Datasheet HTML 32Page - Seiko Instruments Inc S-8333CCAA-T8T1y Datasheet HTML 33Page - Seiko Instruments Inc S-8333CCAA-T8T1y Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333 Series
Rev.4.2_01
30
2. Reference data (1)
The data of (a) output current (IOUT) vs. efficiency (
η) characteristics and (b) output current (IOUT) vs. output voltage
(VOUT) characteristics is shown below.
2. 1 VOUT
= 13.1 V (RFB1 = 7.5 kΩ, RFB2 = 620 Ω)
(1) fOSC
= 1080 kHz, MaxDuty = 73% (ROSC = 120 kΩ, RDuty = 180 kΩ)
(a) IOUT vs.
η
(b) IOUT vs. VOUT
0.01
1
10
100
1000
100
90
80
70
60
50
40
30
20
10
0
IOUT [mA]
0.1
VIN = 5.0 V
0.01
1
10
100
1000
13.20
13.15
13.10
13.05
13.00
12.95
12.90
IOUT [mA]
0.1
VIN = 5.0 V
(2) fOSC
= 650 kHz, MaxDuty = 73% (ROSC = 200 kΩ, RDuty = 300 kΩ)
(a) IOUT vs.
η
(b) IOUT vs. VOUT
0.01
1
10
100
1000
100
90
80
70
60
50
40
30
20
10
0
IOUT [mA]
0.1
VIN = 5.0 V
0.01
1
10
100
1000
13.20
13.15
13.10
13.05
13.00
12.95
12.90
IOUT [mA]
0.1
VIN = 5.0 V
(3) fOSC
= 280 kHz, MaxDuty = 73% (ROSC = 470 kΩ, RDuty = 750 kΩ)
(a) IOUT vs.
η
(b) IOUT vs. VOUT
0.01
1
10
100
1000
100
90
80
70
60
50
40
30
20
10
0
IOUT [mA]
0.1
VIN = 5.0 V
0.01
1
10
100
1000
13.20
13.15
13.10
13.05
13.00
12.95
12.90
IOUT [mA]
0.1
VIN = 5.0 V


Número de pieza similar - S-8333CCAA-T8T1y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8333CCAA-T8T1S SII-S-8333CCAA-T8T1S Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333CCAA-T8T1U SII-S-8333CCAA-T8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Descripción similar - S-8333CCAA-T8T1y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
logo
List of Unclassifed Man...
AT1729 ETC-AT1729 Datasheet
248Kb / 8P
   3-Channel PWM Controller for LCD Bias
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
   2-Channel PWM Controller for LCD Bias
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
   2-Channel PWM Controller for LCD Bias
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com