Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8333CCAB-T8T1y Datasheet(PDF) 22 Page - Seiko Instruments Inc

No. de pieza S-8333CCAB-T8T1y
Descripción Electrónicos  STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CCAB-T8T1y Datasheet(HTML) 22 Page - Seiko Instruments Inc

Back Button S-8333CCAB-T8T1y Datasheet HTML 18Page - Seiko Instruments Inc S-8333CCAB-T8T1y Datasheet HTML 19Page - Seiko Instruments Inc S-8333CCAB-T8T1y Datasheet HTML 20Page - Seiko Instruments Inc S-8333CCAB-T8T1y Datasheet HTML 21Page - Seiko Instruments Inc S-8333CCAB-T8T1y Datasheet HTML 22Page - Seiko Instruments Inc S-8333CCAB-T8T1y Datasheet HTML 23Page - Seiko Instruments Inc S-8333CCAB-T8T1y Datasheet HTML 24Page - Seiko Instruments Inc S-8333CCAB-T8T1y Datasheet HTML 25Page - Seiko Instruments Inc S-8333CCAB-T8T1y Datasheet HTML 26Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333 Series
Rev.4.2_01
22
tPRO vs. Ta (VIN
= 3.3 V)
VUVLO vs. Ta
40
0
20
40
60
80
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0
Ta [
C]
20
100
tPRO = 50 ms (CSP = 0.1
F)
40
0
20
40
60
80
2.5
2.0
1.5
1.0
0.5
0
Ta [
C]
20
100
VUVLO = 2.3 V
VUVLO = 1.5 V
VUVLOHYS vs. Ta
ICCH vs. Ta (VIN
= 3.3 V)
40
0
20
40
60
80
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
Ta [
C]
20
100
VUVLOHYS = 0.3 V
VUVLOHYS = 0.1 V
-40
0
20
40
60
80
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Ta [°C]
-20
100
ICCL vs. Ta (VIN
= 3.3 V)
VRTLT1 vs. Ta (VIN
= 3.3 V)
-40
0
20
40
60
80
100
90
80
70
60
50
40
30
20
10
0
Ta [°C]
-20
100
40
0
20
40
60
80
1.2
1.0
0.8
0.6
0.4
0.2
0
Ta [
C]
20
100


Número de pieza similar - S-8333CCAB-T8T1y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8333CCAB-T8T1S SII-S-8333CCAB-T8T1S Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333CCAB-T8T1U SII-S-8333CCAB-T8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Descripción similar - S-8333CCAB-T8T1y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
logo
List of Unclassifed Man...
AT1729 ETC-AT1729 Datasheet
248Kb / 8P
   3-Channel PWM Controller for LCD Bias
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
   2-Channel PWM Controller for LCD Bias
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
   2-Channel PWM Controller for LCD Bias
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com