Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC640-TA Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza BC640-TA
Descripción Electrónicos  TO-92 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC640-TA Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC640-TA Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC640-TA Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC640-TA Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC640-TA Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www
.cj-elec.com

D,Aug,2017
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
M
in
T
yp
M
ax
U
nit
Collector-base breakdown voltage
V(BR)CBO
IC=-100μA,IE=0
BC636
BC638
BC640
-45
-60
-100
V
Collector-emitter breakdown voltage
V(BR)CEO
IC =-1mA,IB=0
BC636
BC638
BC640
-45
-60
-80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB= -5V,IC=0
- 0.1
μA
DC current gain
hFE(1)
VCE= -2V,IC=- 5mA
40
hFE(2)
VCE= -2V,IC=- 150mA
63
250
hFE(3)
VCE= -2V,IC=- 500mA
25
Collector-emitter saturation voltage
VCE(sat)
IC=- 500mA,IB= -50mA
-0.5
V
Base-emitter voltage
VBE
VCE= -2V,IC= -500mA
- 1
V
Transition frequency
fT
VCE= -5V,IC=- 50mA,f=100MHz
100
MHz
CLASSIFICATION OF hFE(2)
Rank
BC636-10
BC636-16, BC638-16, BC640-16
Range
63-160
100-250


Número de pieza similar - BC640-TA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
logo
NXP Semiconductors
BC640-16 PHILIPS-BC640-16 Datasheet
43Kb / 8P
   PNP medium power transistors
1999 Apr 23
logo
ON Semiconductor
BC640-16 ONSEMI-BC640-16 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
BC640-16 ONSEMI-BC640-16 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC640-16G ONSEMI-BC640-16G Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
More results

Descripción similar - BC640-TA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com