Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3904 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza 2N3904
Descripción Electrónicos  TO-92 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2N3904 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2N3904 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N3904 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N3904 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N3904 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N3904 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.cj-elec.com

($XJ
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
3DUDPHWHU
6\PERO
7HVW
FRQGLWLRQV
0LQ
7\S
0D[
8QLW
&ROOHFWRUEDVHEUHDNGRZQYROWDJH
V(BR)CBO
IC=10 A, IE=0
60
V
&ROOHFWRUHPLWWHUEUHDNGRZQ YROWDJH
V(BR)CEO
IC= 1mA , IB=0
40
V
(PLWWHUEDVHEUHDNGRZQ YROWDJH
V(BR)EBO
IE= 10 A, IC=0
6
V
&ROOHFWRU FXWRII FXUUHQW
ICBO
VCB=60V, IE=0
0.1
A
&ROOHFWRUFXWRII FXUUHQW
ICEO
VCE= 40V, IB=0
0.1
A
(PLWWHUFXWRIIFXUUHQW
IEBO
VEB= 5V, IC=0
0.1
A
hFE1
VCE=1V, IC=10mA
100
400
hFE2
VCE=1V, IC=50mA
60
'&FXUUHQWJDLQ
hFE3
VCE=1V, IC=100mA
30
&ROOHFWRUHPLWWHUVDWXUDWLRQYROWDJH
VCE(sat)
IC=50mA, IB=5mA
0.3
V
%DVHHPLWWHUVDWXUDWLRQ YROWDJH
VBE(sat)
IC=50mA, IB=5mA
0.95
V
7UDQVLWLRQ IUHTXHQF\
fT
VCE=20V,IC=10mA,f=100MHz
300
MHZ
'HOD\ 7LPH
td
35
ns
5LVH7LPH
tr
VCC=3V,VBE=0.5V,
IC=10mA,IB1=1mA
35
ns
6WRUDJH7LPH
ts
200
ns
)DOO7LPH
tf
VCC=3V, IC=10mA
IB1=IB2=1mA
50
ns
&/$66,),&$7,21 2) K)(
5DQN
O
Y
G
5D QJH
100-200
200-300
300-400


Número de pieza similar - 2N3904

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
2N3904 KEC-2N3904 Datasheet
56Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
Continental Device Indi...
2N3904 CDIL-2N3904 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
logo
AUK corp
2N3904 AUK-2N3904 Datasheet
52Kb / 3P
   NPN Silicon Transistor (General small signal application)
logo
List of Unclassifed Man...
2N3904 ETC-2N3904 Datasheet
209Kb / 3P
   NPN Transistor TO-92
17/09/19 V1.0
More results

Descripción similar - 2N3904

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com