Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1142A Datasheet(PDF) 18 Page - Seiko Instruments Inc

No. de pieza S-1142A
Descripción Electrónicos  HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1142A Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S-1142A Datasheet HTML 14Page - Seiko Instruments Inc S-1142A Datasheet HTML 15Page - Seiko Instruments Inc S-1142A Datasheet HTML 16Page - Seiko Instruments Inc S-1142A Datasheet HTML 17Page - Seiko Instruments Inc S-1142A Datasheet HTML 18Page - Seiko Instruments Inc S-1142A Datasheet HTML 19Page - Seiko Instruments Inc S-1142A Datasheet HTML 20Page - Seiko Instruments Inc S-1142A Datasheet HTML 21Page - Seiko Instruments Inc S-1142A Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142A/B Series
Rev.4.2_01
18
Characteristics (Typical Data)
1. Output voltage vs. Output current (When load current increases) (Ta =
+25°C)
1. 1 VOUT = 2.0 V
1. 2 VOUT = 5.0 V
100 200 300 400 500 600 700 800
0
2.5
1.0
0.5
1.5
2.0
0
13.5 V
4.0 V
IOUT [mA]
VIN = 3.0 V
100 200 300 400 500 600 700 800
0
6
3
2
1
4
5
0
IOUT [mA]
13.5 V
6.0 V
7.0 V
VIN = 5.5 V
1. 3 VOUT = 12.0 V
100 200 300 400 500 600 700 800
0
14
12
10
8
6
4
2
0
IOUT [mA]
13.5 V
13.0 V
VIN = 12.5 V
Remark In determining the output current, attention should
be paid to the following.
1. The minimum output current value and
footnote *4 of Table 7 in the " Electrical
Characteristics"
2. Power dissipation of the package
2. Output voltage vs. Input voltage (Ta =
+25°C)
2. 1 VOUT = 2.0 V
2. 2 VOUT = 5.0 V
5
1015202530
0
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
VIN [V]
50 mA
IOUT = 1 mA
30 mA
5
1015202530
0
5.2
5.1
5.0
4.9
4.8
4.7
4.6
4.5
VIN [V]
50 mA
IOUT = 1 mA
30 mA
2. 3 VOUT = 12.0 V
15
20
25
30
10
12.4
12.2
12.0
11.8
11.6
11.4
11.2
11.0
VIN [V]
50 mA
IOUT = 1 mA
30 mA


Número de pieza similar - S-1142A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142A20H-E6T2U SII-S-1142A20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S-1142A50H-E6T2U SII-S-1142A50H-E6T2U Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
More results

Descripción similar - S-1142A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1212B SII-S1212B Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
Seiko Instruments Inc
S1142A-H SII-S1142A-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S1142C-H SII-S1142C-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S19200AXXH SII-S19200AXXH Datasheet
3Mb / 37P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S19200AXXA SII-S19200AXXA Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com