Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N136-X009T Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza 6N136-X009T
Descripción Electrónicos  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N136-X009T Datasheet(HTML) 2 Page - Vishay Siliconix

  6N136-X009T Datasheet HTML 1Page - Vishay Siliconix 6N136-X009T Datasheet HTML 2Page - Vishay Siliconix 6N136-X009T Datasheet HTML 3Page - Vishay Siliconix 6N136-X009T Datasheet HTML 4Page - Vishay Siliconix 6N136-X009T Datasheet HTML 5Page - Vishay Siliconix 6N136-X009T Datasheet HTML 6Page - Vishay Siliconix 6N136-X009T Datasheet HTML 7Page - Vishay Siliconix 6N136-X009T Datasheet HTML 8Page - Vishay Siliconix 6N136-X009T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
6N135, 6N136
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 02-Nov-15
2
Document Number: 83604
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
5V
Forward current
IF
25
mA
Peak forward current
t = 1 ms, duty cycle 50 %
IFSM
50
mA
Maximum surge forward current
t
≤ 1 μs, 300 pulses/s
1
A
Thermal resistance
Rth
700
K/W
Power dissipation
Tamb = 70 °C
Pdiss
45
mW
OUTPUT
Supply voltage
VS
-0.5 to 15
V
Output voltage
VO
-0.5 to 15
V
Emitter base voltage
VEBO
5V
Output current
IO
8mA
Maximum output current
16
mA
Base current
IB
5mA
Thermal resistance
300
K/W
Power dissipation
Tamb = 70 °C
Pdiss
100
mW
COUPLER
Storage temperature range
Tstg
-55 to +150
°C
Ambient temperature range
Tamb
-55 to +100
°C
Soldering temperature
max.
≤ 10 s, dip soldering
≥ 0.5 mm from case bottom
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 16 mA
VF
-
1.33
1.9
V
Breakdown voltage
IR = 10 μA
VBR
5-
-
V
Reverse current
VR = 5 V
IR
-
0.5
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CO
-30
-
pF
Temperature coefficient, forward voltage
IF = 16 mA
ΔVF/ΔTA
--1.7
-
mV/°C
OUTPUT
Logic low supply current
IF = 16 mA, VO = open, VCC = 15 V
ICCL
-150
-
μA
Logic high supply current
IF = 0 mA, VO = open, VCC = 15 V
ICCH
-0.01
1
μA
Output voltage, output low
IF = 16 mA, IO = 1.1 mA, VCC = 4.5 V
6N135
VOL
-0.1
0.4
V
IF = 16 mA, IO = 3.0 mA, VCC = 4.5 V
6N136
VOL
-0.1
0.4
V
Output current, output high
IF = 0 mA, VO = VCC = 5.5 V
IOH
-
3
500
nA
IF = 0 mA, VO = VCC = 15 V
IOH
-0.01
1
μA
COUPLER
Capacitance (input to output)
f = 1 MHz
CIO
-
0.6
-
pF


Número de pieza similar - 6N136-X009T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
6N136-X009T VISHAY-6N136-X009T Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
More results

Descripción similar - 6N136-X009T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N1135 VISHAY-6N1135 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com